| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
BGL36070
|
135Kb / 3P |
PowerPact B Circuit Breaker, 70A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jun 21, 2020 |
|
BGP36070
|
116Kb / 3P |
PowerPact B Circuit Breaker, 70A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jun 22, 2020 |
|
BGL26070
|
105Kb / 3P |
PowerPact B Circuit Breaker, 70A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jun 25, 2020 |
|
BGL46070
|
123Kb / 3P |
PowerPact B Circuit Breaker, 70A, 4P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jun 30, 2020 |
|
BDP26070
|
93Kb / 3P |
PowerPact B Circuit Breaker, 70A, 2P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BGM26070
|
93Kb / 3P |
PowerPact B Circuit Breaker, 70A, 2P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BGM36070
|
116Kb / 3P |
PowerPact B Circuit Breaker, 70A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BGM46070
|
118Kb / 2P |
PowerPact B Circuit Breaker, 70A, 4P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BGP46070
|
118Kb / 2P |
PowerPact B Circuit Breaker, 70A, 4P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jul 6, 2020 |
|
BJP26070
|
108Kb / 3P |
PowerPact B Circuit Breaker, 70A, 2P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jul 6, 2020 |