Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGP14N60E Datasheet (PDF) - ON Semiconductor

MGP14N60E Datasheet PDF - ON Semiconductor
Part # MGP14N60E
Download  MGP14N60E Download
File Size   121.76 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SHORT CIRCUIT RATED LOW ON-VOLTAGE

MGP14N60E Datasheet (PDF)

Go To PDF Page Download Datasheet
MGP14N60E Datasheet PDF - ON Semiconductor

Part # MGP14N60E
Download  MGP14N60E Click to download

File Size   121.76 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description SHORT CIRCUIT RATED LOW ON-VOLTAGE

MGP14N60E Datasheet (HTML) - ON Semiconductor


MGP14N60E Product details

This Insulated Gate Bipolar Transistor (IGBT) uses an advanced termination scheme to provide an enhanced and reliable high voltage–blocking capability. Its new 600 V IGBT technology is specifically suited for applications requiring both a high temperature short circuit capability and a low VCE(on). It also provides fast switching characteristics and results in efficient operation at high frequencies. This new E–series introduces an energy efficient, ESD protected, and short circuit rugged device.

• Industry Standard TO–220 Package
• High Speed: Eoff = 63 J/A typical at 125°C
• High Voltage Short Circuit Capability – 10 s minimum at 125°C, 400 V
• Low On–Voltage 2.0 V typical at 10 A, 125°C
• Robust High Voltage Termination
• ESD Protection Gate–Emitter Zener Diodes




Similar Part No. - MGP14N60E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
Insulated Gate Bipolar Transistor
More results


Similar Description - MGP14N60E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP11N60E ONSEMI-MGP11N60E Datasheet
120Kb / 5P
SHORT CIRCUIT RATED LOW ON-VOLTAGE
1997
MGP11N60ED ONSEMI-MGP11N60ED Datasheet
145Kb / 6P
SHORT CIRCUIT RATED LOW ON-VOLTAGE
logo
Fairchild Semiconductor
SGH10N60RUF FAIRCHILD-SGH10N60RUF Datasheet
543Kb / 7P
Short Circuit Rated IGBT
SGH10N60RUFD FAIRCHILD-SGH10N60RUFD Datasheet
598Kb / 8P
Short Circuit Rated IGBT
SGH30N60RUFD FAIRCHILD-SGH30N60RUFD Datasheet
653Kb / 8P
Short Circuit Rated IGBT
SGL25N120RUFD FAIRCHILD-SGL25N120RUFD Datasheet
568Kb / 8P
Short Circuit Rated IGBT
SGL50N60RUFD FAIRCHILD-SGL50N60RUFD Datasheet
623Kb / 8P
Short Circuit Rated IGBT
SGP15N60RUF FAIRCHILD-SGP15N60RUF Datasheet
588Kb / 6P
Short Circuit Rated IGBT
SGW10N60RUF FAIRCHILD-SGW10N60RUF Datasheet
541Kb / 7P
Short Circuit Rated IGBT
SGW10N60RUFD FAIRCHILD-SGW10N60RUFD Datasheet
596Kb / 8P
Short Circuit Rated IGBT
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com