Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC7905.2CT Datasheet (PDF) - ON Semiconductor

MC7905.2CT Datasheet PDF - ON Semiconductor
Part # MC7905.2CT
Download  MC7905.2CT Download
File Size   143.24 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.0 A Negative Voltage Regulators

MC7905.2CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MC7905.2CT Datasheet PDF - ON Semiconductor

Part # MC7905.2CT
Download  MC7905.2CT Click to download

File Size   143.24 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1.0 A Negative Voltage Regulators

MC7905.2CT Datasheet (HTML) - ON Semiconductor


MC7905.2CT Product details

The MC7900 series of fixed output negative voltage regulators are intended as complements to the popular MC7800 series devices. These negative regulators are available in the same seven−voltage options as the MC7800 devices. In addition, one extra voltage option commonly employed in MECL systems is also available in the negative MC7900 series.

Available in fixed output voltage options from −5.0 V to −24 V, these regulators employ current limiting, thermal shutdown, and safe−area compensation − making them remarkably rugged under most operating conditions. With adequate heatsinking they can deliver output currents in excess of 1.0 A.



• No External Components Required

• Internal Thermal Overload Protection

• Internal Short Circuit Current Limiting

• Output Transistor Safe−Area Compensation

• Available in 2% Voltage Tolerance (See Ordering Information)

• Pb−Free Package May be Available. The G−Suffix Denotes a Pb−Free Lead Finish



 




Similar Part No. - MC7905.2CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC7905.2CT MOTOROLA-MC7905.2CT Datasheet
186Kb / 12P
THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC7905.2CT ONSEMI-MC7905.2CT Datasheet
157Kb / 16P
1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7905.2CT ONSEMI-MC7905.2CT Datasheet
138Kb / 16P
1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7905.2CT ONSEMI-MC7905.2CT Datasheet
194Kb / 16P
1.0 A Negative Voltage Regulators
July, 2013 ??Rev. 18
MC7905.2CTG ONSEMI-MC7905.2CTG Datasheet
157Kb / 16P
1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
More results


Similar Description - MC7905.2CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
MC7900 ONSEMI-MC7900_06 Datasheet
157Kb / 16P
1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7900 ONSEMI-MC7900_05 Datasheet
138Kb / 16P
1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
1.0 A Positive Voltage Regulators
logo
ON Semiconductor
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7900 ONSEMI-MC7900_13 Datasheet
194Kb / 16P
1.0 A Negative Voltage Regulators
July, 2013 ??Rev. 18
MC7900 ONSEMI-MC7900_V01 Datasheet
300Kb / 15P
Negative Voltage Regulators 1.0 A
October, 2021 - Rev. 21
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com