Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGP50N60T Datasheet (PDF) - Infineon Technologies AG

IGP50N60T Datasheet PDF - Infineon Technologies AG
Part # IGP50N60T
Download  IGP50N60T Download
File Size   402.03 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LOW LOSS IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY

IGP50N60T Datasheet (PDF)

Go To PDF Page Download Datasheet
IGP50N60T Datasheet PDF - Infineon Technologies AG

Part # IGP50N60T
Download  IGP50N60T Click to download

File Size   402.03 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description LOW LOSS IGBT IN TRENCH AND FIELDSTOP TECHNOLOGY

IGP50N60T Datasheet (HTML) - Infineon Technologies AG


IGP50N60T Product details

Low Loss IGBT in Trench and Fieldstop technology

• Very low VCE(sat) 1.5 V (typ.)
• Maximum Junction Temperature 175 °C
• Short circuit withstand time – 5µs
• Designed for :
    - Frequency Converters
    - Uninterrupted Power Supply
• Trench and Fieldstop technology for 600 V applications offers :
    - very tight parameter distribution
    - high ruggedness, temperature stable behavior
    - very high switching speed
    - low VCE(sat)
• Positive temperature coefficient in VCE(sat)
• Low EMI
• Low Gate Charge
• Complete product spectrum and PSpice Models : http://www.infineon.com/igbt/




Similar Part No. - IGP50N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP50N60T INFINEON-IGP50N60T Datasheet
454Kb / 13P
Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Nov. 09
IGP50N60T INFINEON-IGP50N60T_09 Datasheet
454Kb / 13P
Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Nov. 09
More results


Similar Description - IGP50N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW25T120 INFINEON-IGW25T120 Datasheet
412Kb / 12P
Low Loss IGBT in Trench and Fieldstop technology
Rev. 1 Jul-02
IGW60T120 INFINEON-IGW60T120 Datasheet
416Kb / 12P
Low Loss IGBT in Trench and Fieldstop technology
Rev. 1 Jul-02
IGW40T120 INFINEON-IGW40T120 Datasheet
419Kb / 12P
Low Loss IGBT in Trench and Fieldstop technology
Rev. 1 Jul-02
logo
List of Unclassifed Man...
IGW08T120 ETC-IGW08T120 Datasheet
302Kb / 12P
Low Loss IGBT in Trench and Fieldstop technology
logo
Infineon Technologies A...
IGB15N60T INFINEON-IGB15N60T Datasheet
364Kb / 12P
Low Loss IGBT in Trench and Fieldstop technology
Rev. 2.1 Dec-04
IGW15T120 INFINEON-IGW15T120 Datasheet
408Kb / 12P
Low Loss IGBT in Trench and Fieldstop Technology
Rev. 1 Jul-02
IGW75N60T INFINEON-IGW75N60T Datasheet
377Kb / 12P
Low Loss IGBT in Trench and Fieldstop technology
Rev. 2.1 Dec-04
IGW75N60T INFINEON-IGW75N60T_14 Datasheet
546Kb / 12P
Low Loss IGBT: IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.6 20.09.2013
IGW30N60T INFINEON-IGW30N60T_15 Datasheet
495Kb / 12P
Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.8 19.05.2015
IGB50N60T INFINEON-IGB50N60T_15 Datasheet
648Kb / 12P
Low Loss IGBT : IGBT in TRENCHSTOP??and Fieldstop technology
Rev. 2.7 19.05.2015
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com