| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
BTS7008-2EPZ
|
1Mb / 61P |
PROFET??2 12V 2x 8 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15 |
|
BTS7080-2EPA
|
1Mb / 62P |
PROFET??2 12V 2x 80 m廓 Smart High-Side Power Switch
Rev. 1.06 2019-10-30 |
|
BTS71033-6ESA
|
3Mb / 85P |
SPOC??2 3x 22.5 m廓 SPI Power Controller 3x 70 m廓
Rev. 1.00 2019-09-24 |
|
BTS72220-4ESE
|
3Mb / 87P |
SPOC??2 2x 5.5 m廓 SPI Power Controller 2x 13.5 m廓
Rev. 1.00 2018-06-11 |
|
BTS71220-4ESA
|
3Mb / 87P |
SPOC??2 2x 9.5 m廓 SPI Power Controller 2x 22.5 m廓
Rev. 1.00 2018-06-11 |
|
BTS71040-4ESA
|
2Mb / 82P |
SPOC??2 4x 22.5 m廓 SPI Power Controller
Rev. 1.00 2018-10-16 |
|
BTS7008-2EPA
|
1Mb / 64P |
PROFET??2 12V 2x 8 m廓 Smart High-Side Power Switch
Rev. 1.14 2019-10-15 |
|
BTS7200-2EPA
|
1Mb / 61P |
PROFET??2 12V 2x 200 m廓 Smart High-Side Power Switch
Rev. 1.03 2019-10-15 |
|
BTS71220-4ESE
|
3Mb / 87P |
SPOC??2 2x 9.5 m廓 SPI Power Controller 2x 22.5 m廓
Rev. 1.00 2018-06-11 |
|
BTS71040-4ESE
|
2Mb / 82P |
SPOC??2 4x 22.5 m廓 SPI Power Controller
Rev. 1.00 2018-10-16 |