Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491D156M035AT Datasheet (PDF) - Kemet Corporation

T491D156M035AT Datasheet PDF - Kemet Corporation
Part # T491D156M035AT
Download  T491D156M035AT Download
File Size   76.66 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description T491, Tantalum, MnO2 Tantalum, 15 uF, 20%, 35 VDC, SMD, MnO2, Molded, 800 mOhms, 7343, Height Max = 3.1mm

T491D156M035AT Datasheet (PDF)

Go To PDF Page Download Datasheet
T491D156M035AT Datasheet PDF - Kemet Corporation

Part # T491D156M035AT
Download  T491D156M035AT Click to download

File Size   76.66 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description T491, Tantalum, MnO2 Tantalum, 15 uF, 20%, 35 VDC, SMD, MnO2, Molded, 800 mOhms, 7343, Height Max = 3.1mm

T491D156M035AT Datasheet (HTML) - Kemet Corporation


T491D156M035AT Product details

PRODUCT DESCRIPTION
KEMET’s family of solid tantalum chip capacitors is designed and manufactured with the demanding requirements of surface mount technology in mind.
These devices extend the advantages of solid tantalum technology to today’s surface mount circuit applications. Complementing multilayer ceramic chip convenience with capacitance ratings through 1500 µF, tantalum chip capacitors permit circuitdesigners to take full advantage of the benefits of surface mount technology.

SOLID TANTALUM CHIP CAPACITORS
T491 SERIES - Precision Molded Chip

FEATURES
• Meets or Exceeds EIA Standard 535BAAC
• Taped and Reeled per EIA 481-1
• Symmetrical, Compliant Terminations
• Optional Gold-plated Terminations
• Laser-marked Case
• 100% Surge current test on C, D, E, U, V, X sizes
• Halogen Free Epoxy
• Capacitance: 0.1 μF to 1000 μF
• Tolerance: ±10%, ±20%
• Voltage: 2.5-50 VDC
• Extended Range Values
• Low Profile Case Sizes
• RoHS Compliance & Lead Free Terminations
   (See www.kemet.com for transition information)
• Operating Temperature: -55˚C to +125˚C




Similar Part No. - T491D156M035AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491D156M025AT KEMET-T491D156M025AT Datasheet
3Mb / 61P
Tantalum Surface Mount Capacitors Space Grade
More results


Similar Description - T491D156M035AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491D226K020AT KEMET-T491D226K020AT Datasheet
80Kb / 1P
Tantalum, MnO2 Tantalum, T491, 22 uF, 10%, 20 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D476M010AT KEMET-T491D476M010AT Datasheet
80Kb / 1P
Tantalum, MnO2 Tantalum, T491, 47 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D476M016AT KEMET-T491D476M016AT Datasheet
80Kb / 1P
Tantalum, MnO2 Tantalum, T491, 47 uF, 20%, 16 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D226M025AT KEMET-T491D226M025AT Datasheet
81Kb / 1P
Tantalum, MnO2 Tantalum, T491, 22 uF, 20%, 25 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D156K035AT KEMET-T491D156K035AT Datasheet
81Kb / 1P
Tantalum, MnO2 Tantalum, T491, 15 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D336K020AT KEMET-T491D336K020AT Datasheet
81Kb / 1P
Tantalum, MnO2 Tantalum, T491, 33 uF, 10%, 20 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D107M006AT KEMET-T491D107M006AT Datasheet
80Kb / 1P
Tantalum, MnO2 Tantalum, T491, 100 uF, 20%, 6.3 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D336M020AT KEMET-T491D336M020AT Datasheet
81Kb / 1P
Tantalum, MnO2 Tantalum, T491, 33 uF, 20%, 20 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D226M035AT KEMET-T491D226M035AT Datasheet
81Kb / 1P
Tantalum, MnO2 Tantalum, T491, 22 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 3.1mm
T491D336M010AT KEMET-T491D336M010AT Datasheet
80Kb / 1P
Tantalum, MnO2 Tantalum, T491, 33 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com