| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
BTS7008-2EPZ
|
1Mb / 61P |
PROFET??2 12V 2x 8 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15 |
|
BTS7080-2EPA
|
1Mb / 62P |
PROFET??2 12V 2x 80 m廓 Smart High-Side Power Switch
Rev. 1.06 2019-10-30 |
|
BTS7200-2EPC
|
1Mb / 60P |
PROFET??2 12V 2x 200 m廓 Smart High-Side Power Switch
Rev. 1.02 2019-10-15 |
|
BTS7030-2EPA
|
1Mb / 62P |
PROFET??2 12V 2x 30 m廓 Smart High-Side Power Switch
Rev. 1.05 2019-10-15 |
|
BTS7080-2EPZ
|
1Mb / 61P |
PROFET??2 12V 2x 20.9 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15 |
|
BTS7008-2EPA
|
1Mb / 64P |
PROFET??2 12V 2x 8 m廓 Smart High-Side Power Switch
Rev. 1.14 2019-10-15 |
|
BTS7012-1EPA
|
1Mb / 60P |
PROFET??2 12V 1x 12 m廓 Smart High-Side Power Switch
Rev. 1.03 2019-10-30 |
|
BTS7120-2EPA
|
1Mb / 61P |
PROFET??2 12V 2x 120 m廓 Smart High-Side Power Switch
Rev. 1.03 2019-10-15 |
|
BTS7200-2EPA
|
1Mb / 61P |
PROFET??2 12V 2x 200 m廓 Smart High-Side Power Switch
Rev. 1.03 2019-10-15 |
|
BTS7010-2EPA
|
1Mb / 62P |
PROFET??2 12V 2x 10 m廓 Smart High-Side Power Switch
Rev. 1.05 2019-10-15 |