Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1EDF5673K Datasheet (PDF) - Infineon Technologies AG

1EDF5673K Datasheet PDF - Infineon Technologies AG
Part # 1EDF5673K
Download  1EDF5673K Download
File Size   1304.82 Kbytes
Page   37 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description GaN EiceDRIVER??product family Single-channel functional

1EDF5673K Datasheet (PDF)

Go To PDF Page Download Datasheet
1EDF5673K Datasheet PDF - Infineon Technologies AG

Part # 1EDF5673K
Download  1EDF5673K Click to download

File Size   1304.82 Kbytes
Page   37 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description GaN EiceDRIVER??product family Single-channel functional

1EDF5673K Datasheet (HTML) - Infineon Technologies AG


1EDF5673K Product details

Description
CoolGaN™ and similar GaN switches require a continuous gate current of a few mA in their "on" state. Besides, due to low threshold voltage and extremely fast switching transients, a negative "off" voltage level may be needed. The widely used RC-coupled gate driver fulfils these requirements, however it suffers from a duty-cycle dependence of switching dynamics and the lack of negative gate drive in specific situations.
Infineons GaN EiceDRIVER™ solves these issues with very low effort. The two output stages shown below enable a zero “off" level to eliminate any duty-cycle dependence. In addition, the differential topology is able to provide negative gate drive without the need for a negative supply voltage. However, it requires a floating supply voltage not compatible with bootstrapping.

Features
• Dedicated gate driver ICs for high-voltage GaN power switches (CoolGaN™, GIT technology based products)
   – low driving impedance (on-resistance 0.85 Ω source, 0.35 Ω sink)
   – resistor programmable gate current (typ. 10 mA) in steady “on” state
   – programmable negative gate voltage to completely avoid spurious turn-on
• Single output supply voltage (typ. 8 V, floating)
• Switching behavior independent of duty-cycle (2 "off" voltage levels)
• Differential concept to ensure negative gate drive voltage under any condition
• Fast input-to-output propagation (37 ns) with excellent stability (+7/-6 ns)
• Galvanic input-to-output isolation based on coreless transformer (CT) technology
• Common mode transient immunity (CMTI) > 200 V/ns
• 3 package versions
   – 1EDF5673K: 13-pin LGA (5 x 5 mm, PG-TFLGA-13-1) for functional isolation (1.5 kV)
   – 1EDF5673F: 16-pin P-DSO (150 mil, PG-DSO-16-11) for functional isolation (1.5 kV)
   – 1EDS5663H: 16-pin P-DSO (300 mil, PG-DSO-16-30) for reinforced isolation
• Fully qualified according to JEDEC for Industrial Applications




Similar Part No. - 1EDF5673K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
1ED020I12-B2 INFINEON-1ED020I12-B2 Datasheet
1Mb / 29P
Single IGBT Driver IC
Rev. 2.0, 2012-07-31
1ED020I12-B2 INFINEON-1ED020I12-B2 Datasheet
1Mb / 29P
Single IGBT Driver IC
Rev. 2.1, 2017-09-28
1ED020I12-B2 INFINEON-1ED020I12-B2_17 Datasheet
1Mb / 29P
Single IGBT Driver IC
Rev. 2.1, 2017-09-28
1ED020I12-BT INFINEON-1ED020I12-BT Datasheet
1Mb / 34P
Single IGBT Driver IC
Rev 2.0, 2012-07-31
1ED020I12-F INFINEON-1ED020I12-F Datasheet
1Mb / 22P
Single IGBT Driver IC
2.2, December 2009
More results


Similar Description - 1EDF5673K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXD9450 ETC-CXD9450 Datasheet
114Kb / 16P
Single-Chip FaxEngine Product Family
logo
Infineon Technologies A...
MIPAQ INFINEON-MIPAQ Datasheet
1Mb / 10P
Infi neon?셲 functional IGBT module family
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
Product Family Specification
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
DrMOS Product Family
2015-04-23,Rev.2.0
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
e쨌MMC Product family
logo
Infineon Technologies A...
1EDN7550 INFINEON-1EDN7550 Datasheet
1Mb / 27P
Single-channel EiceDRIVER??gate-drive IC with true differential inputs
Rev. 2.2 2019-12-09
WCDSC006 INFINEON-WCDSC006 Datasheet
1Mb / 23P
EiceDRIVER?
V2.2 2020-05-28
1EDN751X INFINEON-1EDN751X Datasheet
1Mb / 28P
EiceDRIVER?
Rev. 2.2 2018-04-20
2EDN752X INFINEON-2EDN752X Datasheet
1Mb / 31P
EiceDRIVER?
Rev. 2.5 2018-04-20
2EDFX INFINEON-2EDFX Datasheet
1Mb / 41P
EiceDRIVER™ 2EDi product family Fast, robust, dual-channel, functional and reinforced isolated MOSFET gate-driver with accurate and stable timing
Rev. 2.7 2021-09-10
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com