Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2ED2106S06F Datasheet (PDF) - Infineon Technologies AG

2ED2106S06F Datasheet PDF - Infineon Technologies AG
Part # 2ED2106S06F
Download  2ED2106S06F Download
File Size   1615.01 Kbytes
Page   24 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 650 V high-side and low-side gate driver with integrated bootstrap diode

2ED2106S06F Datasheet (PDF)

Go To PDF Page Download Datasheet
2ED2106S06F Datasheet PDF - Infineon Technologies AG

Part # 2ED2106S06F
Download  2ED2106S06F Click to download

File Size   1615.01 Kbytes
Page   24 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 650 V high-side and low-side gate driver with integrated bootstrap diode

2ED2106S06F Datasheet (HTML) - Infineon Technologies AG


2ED2106S06F Product details

Description
The 2ED2106(4)S06F(J) is a high voltage, high speed power MOSFET and IGBT driver with independent high and low side referenced output channels. Based on Infineon’s SOI-technology there is an excellent ruggedness and noise immunity with capability to maintain operational logic at negative voltages of up to - 11 V on VS pin (VCC = 15 V) on transient voltages. There are not any parasitic thyristor structures present in the device, hence no parasitic latch up may occur at all temperature and voltage conditions. The logic input is compatible with standard CMOS or LSTTL output, down to 3.3 V logic. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. The floating channel can be used to drive an N-channel power MOSFET, SiC MOSFET or IGBT in the high side configuration, which operate up to 650 V.

Features
• Unique Infineon Thin-Film-Silicon On Insulator (SOI)-technology
• Negative VS transient immunity of 100 V
• Floating channel designed for bootstrap operation
• Operating voltages (VS node) upto + 650 V
• Maximum bootstrap voltage (VB node) of + 675 V
• Integrated ultra-fast, low resistance bootstrap diode
• Logic operational up to –11 V on VS Pin
• Negative voltage tolerance on inputs of –5 V
• Independent under voltage lockout for both channels
• Schmitt trigger inputs with hysteresis
• 3.3 V, 5 V and 15 V input logic compatible
• Maximum supply voltage of 25 V
• Dual package options of DSO-8 and DSO-14
• High and low voltage pins separated for maximum creepage and
   clearance (2ED21064S06J version)
• Separate logic and power ground with the 2ED21064S06J version
• RoHS compliant




Similar Part No. - 2ED2106S06F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2ED2106S06F INFINEON-2ED2106S06F Datasheet
1Mb / 25P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
2ED2106S06F INFINEON-2ED2106S06F Datasheet
1Mb / 26P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
2ED2106S06F INFINEON-2ED2106S06F Datasheet
1Mb / 26P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
More results


Similar Description - 2ED2106S06F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2ED2108S06F INFINEON-2ED2108S06F Datasheet
1Mb / 25P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
2ED2109S06F INFINEON-2ED2109S06F Datasheet
1Mb / 26P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
2ED2181S06F INFINEON-2ED2181S06F Datasheet
1Mb / 24P
650 V high-side and low-side gate driver with integrated bootstrap diode
V 2.21 2020-07-07
2ED21091S06F INFINEON-2ED21091S06F Datasheet
1Mb / 26P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
IRS2807DS INFINEON-IRS2807DS Datasheet
2Mb / 26P
600-V High- and Low-Side Driver with Bootstrap Diode
Rev 1.1 2017-11-27
2ED2110S06M INFINEON-2ED2110S06M Datasheet
1Mb / 25P
650 V high-side and low-side gate driver with integrated bootstrap diode
V 2.1 2020-12-07
2ED2101S06F INFINEON-2ED2101S06F Datasheet
1Mb / 24P
650 V high-side and low-side gate driver with integrated bootstrap diode
V 2.3 2020-12-07
2ED2732S01G INFINEON-2ED2732S01G Datasheet
549Kb / 22P
160 V high side, low side SOI gate driver with integrated bootstrap diode
V 1.0 2023-06-01
2ED2734S01G INFINEON-2ED2734S01G Datasheet
550Kb / 22P
160 V high side, low side SOI gate driver with integrated bootstrap diode
V 1.0 2023-06-01
2ED2738S01G INFINEON-2ED2738S01G Datasheet
550Kb / 22P
160 V high side, low side SOI gate driver with integrated bootstrap diode
V 1.0 2023-06-01
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com