Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM1470A Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1470A Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM1470A
Download  HM1470A Download
File Size   2287.31 Kbytes
Page   13 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 18V, 3A, 500KHz Synchronous Step-Down

HM1470A Datasheet (PDF)

Go To PDF Page Download Datasheet
HM1470A Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1470A
Download  HM1470A Click to download

File Size   2287.31 Kbytes
Page   13 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 18V, 3A, 500KHz Synchronous Step-Down

HM1470A Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM1470A Product details

Description
The HM1470A is a synchronous step-down DC/DC converter that provides wide 4.5V to 18V input voltage range and 3A continuous load current capability. At light load condition, the HM1470A can operate at PSM mode to support high efficiency and reduce power loss.
The HM1470A fault protection includes cycle-by-cycle current limit, hiccup short circuit protection, UVLO and thermal shutdown. The Internal soft-start function prevents inrush current at turn-on. This device uses current mode control scheme which provides fast transient response. Internal compensation function reduces external compensatory components and simplifies the design process. In shutdown mode, the supply current is about 1μA.
The HM1470A is offered in SOT-23-6 package, which provides good thermal conductance.

Features
● Low-Rds(on) Power MOSFET:110l Ω/60l Ω
● Internal Compensation Function
● Wide Input Voltage Range: 4.5V to 18V
● Adjustable Output Voltage Down to 0.8V
● 3A Output Current
● 500kHz Switching Frequency
● Soft-Start Time 1ms
● Cycle-by-Cycle Current Limit
● Hiccup Short Circuit Protection
● Over-Temperature Protection with Auto Recovery
● Input Under Voltage Lockout
● SOT-23-6 Package

Applications
● STB (Set-Top-Box)
● LCD Display, TV
● Distributed Power System
● Networking, XDSL Modem




Similar Part No. - HM1470A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1470 HMSEMI-HM1470 Datasheet
1Mb / 7P
18V 2A 500KHz Synchronous Step-Down Regulator
HM1470H HMSEMI-HM1470H Datasheet
1Mb / 8P
1MHz, 18V, 2A Synchronous Step-Down Converter
More results


Similar Description - HM1470A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
EC3293B E-CMOS-EC3293B Datasheet
577Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
500KHz, 18V, 2A Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE726C ACE-ACE726C Datasheet
561Kb / 11P
500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
logo
Shenzhen Huazhimei Semi...
HM1482E HMSEMI-HM1482E Datasheet
1Mb / 7P
18V 2.5A 500KHz Synchronous Step-Down Regulator
HM1484E HMSEMI-HM1484E Datasheet
1Mb / 7P
18V 3A 500KHz Synchronous Step-Down Regulator
HM8113 HMSEMI-HM8113 Datasheet
1Mb / 7P
18V 3A 500KHz Synchronous Step-Down Regulator
logo
ACE Technology Co., LTD...
ACE7259C ACE-ACE7259C Datasheet
346Kb / 4P
500KHz, 18V, 2.5A Synchronous Step-Down Converter
VER 1.2
ACE7266N ACE-ACE7266N Datasheet
196Kb / 3P
High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com