Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM1486 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1486 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM1486
Download  HM1486 Download
File Size   866.99 Kbytes
Page   8 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 2A 4 0 V Synchronous Step - D ow n Converter

HM1486 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM1486 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1486
Download  HM1486 Click to download

File Size   866.99 Kbytes
Page   8 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 2A 4 0 V Synchronous Step - D ow n Converter

HM1486 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM1486 Product details

DESCRIPTION
The HM1486. is a current mode monolithic buck switching regulator. Operating with an input range of 3.6-40V, the HM1486 delivers 2A of continuous output current with two integrated N-Channel MOSFETs. The internal synchronous power switches provide high efficiency without the use of an external Schottky diode. At light loads, regulators operate in low frequency to maintain high efficiency and low output ripple. Current mode control provides tight load transient response and cycle-by-cycle current limit.
The HM1486 guarantees robustness with short-circuit protection, thermal protection, start-up current run-away protection, and input under voltage lockout.
The HM1486 is available in 8-pin ESOP package, which provides a compact solution with minimal external components. The package has an exposed pad for low thermal resistance.


FEATURES
● 3.6V to 40V operating input range 2A output current
● Up to 94% efficiency
● High efficiency (>78%) at light load
● Internal Soft-Start
● Fixed 120kHz Switching frequency
● Input under voltage lockout
● Available in thermally enhanced ESOP8 package
● Start-up current run-away protection
● Short circuit protection
● Thermal protection

APPLICATIONS
● Distributed Power Systems
● Networking Systems
● FPGA, DSP, ASIC Power Supplies
● Green Electronics/ Appliances
● Notebook Computers




Similar Part No. - HM1486

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1480 HMSEMI-HM1480 Datasheet
1Mb / 10P
Input range synchronous buck controller
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
HM1482D HMSEMI-HM1482D Datasheet
1Mb / 7P
30V 2A Synchronous Step-Down Regulator
HM1482E HMSEMI-HM1482E Datasheet
1Mb / 7P
18V 2.5A 500KHz Synchronous Step-Down Regulator
HM1483 HMSEMI-HM1483 Datasheet
1Mb / 14P
30V, 3.1A Monolithic Step-Down Switching Regulator in TSOT23-8
More results


Similar Description - HM1486

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3421 EUTECH-EUP3421 Datasheet
89Kb / 1P
2A, Synchronous Step-Down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1692 YOBON-YB1692 Datasheet
556Kb / 10P
2A Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
2A 23V Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9370B BELLING-BL9370B Datasheet
555Kb / 10P
2A, 20V Synchronous Step-Down Converter
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Monolithic Power System...
EV4420-J-00A MPS-EV4420-J-00A Datasheet
891Kb / 8P
2A, 36V, Synchronous Step Down Converter
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
1.5MHz, 2A Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
UD05208 UTC-UD05208 Datasheet
242Kb / 5P
1.5MHz, 2A, V SYNCHRONOUS STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com