| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
LPC11U1X
|
914Kb / 64P |
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 1-11 April 2011 |
|
LPC11U2X
|
1Mb / 67P |
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 1-29 November 2011 |
|
LPC1315
|
1Mb / 77P |
32-bit ARM Cortex-M3 microcontroller; up to 64 kB flash; up to 12 kB SRAM; USB device; USART; EEPROM
Rev. 3-20 September 2012 |
|
LPC11U14FHI33.201
|
1Mb / 69P |
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 2-11 January 2012 |
|
LPC11E36
|
1Mb / 66P |
32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USART
Rev. 2-21 November 2013 |
|
LPC11U34
|
1Mb / 76P |
32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USB device USART
Rev. 2-25 November 2013 |
 Holtek Semiconductor In... |
HT32F52243
|
6Mb / 44P |
32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
October 23, 2017 |
 NXP Semiconductors |
LPC11E1X
|
1Mb / 62P |
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USART
Rev.1.1-24 September 2013 |
|
LPC11E3X
|
1Mb / 71P |
32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USART
Rev.2.3-11 September 2014 |
|
LPC11U2X
|
1Mb / 74P |
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.3 - 27 March 2014 |