Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3886A Datasheet (PDF) - Toshiba Semiconductor

C3886A Datasheet PDF - Toshiba Semiconductor
Part # C3886A
Download  C3886A Download
File Size   62.49 Kbytes
Page   1 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR SILICON NPN / 1400V / 8A / 50W

C3886A Datasheet (PDF)

Go To PDF Page Download Datasheet
C3886A Datasheet PDF - Toshiba Semiconductor

Part # C3886A
Download  C3886A Click to download

File Size   62.49 Kbytes
Page   1 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR SILICON NPN / 1400V / 8A / 50W

C3886A Datasheet (HTML) - Toshiba Semiconductor


C3886A Product details

Silicon NPN Power Transistors




Similar Part No. - C3886A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
C388 NJSEMI-C388 Datasheet
276Kb / 3P
Forward and reverse blocking capabilities to 1200 volts
logo
Coilcraft lnc.
C388 COILCRAFT-C388 Datasheet
100Kb / 1P
Designer’s Kits
logo
New Jersey Semi-Conduct...
C388E NJSEMI-C388E Datasheet
276Kb / 3P
Forward and reverse blocking capabilities to 1200 volts
C388M NJSEMI-C388M Datasheet
276Kb / 3P
Forward and reverse blocking capabilities to 1200 volts
C388N NJSEMI-C388N Datasheet
276Kb / 3P
Forward and reverse blocking capabilities to 1200 volts
More results


Similar Description - C3886A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC1358 MOSPEC-2SC1358 Datasheet
112Kb / 3P
POWER TRANSISTORS(4.5A,1400V,50W)
D44VM MOSPEC-D44VM Datasheet
133Kb / 3P
POWER TRANSISTORS(8A,30-80V,50W)
logo
NTE Electronics
NTE325 NTE-NTE325 Datasheet
22Kb / 2P
Silicon NPN RF Power Transistor 50W @ 30MHz
logo
Shindengen Electric Mfg...
2SC4055 SHINDENGEN-2SC4055 Datasheet
523Kb / 12P
Switching Power Transistor(8A NPN)
2SC4056 SHINDENGEN-2SC4056 Datasheet
524Kb / 12P
Switching Power Transistor(8A NPN)
2SC4057 SHINDENGEN-2SC4057 Datasheet
513Kb / 12P
Switching Power Transistor(8A NPN)
2SC4580 SHINDENGEN-2SC4580 Datasheet
432Kb / 10P
Switching Power Transistor(8A NPN)
2SC4834 SHINDENGEN-2SC4834 Datasheet
428Kb / 9P
Switching Power Transistor(8A NPN)
2SD1024 SHINDENGEN-2SD1024 Datasheet
447Kb / 8P
Darlington Transistor(8A NPN)
2SD1025 SHINDENGEN-2SD1025 Datasheet
540Kb / 8P
Darlington Transistor(8A NPN)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com