Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEF-C5004T Datasheet (PDF) - List of Unclassifed Manufacturers

LEF-C5004T Datasheet PDF - List of Unclassifed Manufacturers
Part # LEF-C5004T
Download  LEF-C5004T Download
File Size   59.93 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description FULL COLOR LED LAMPS

LEF-C5004T Datasheet (PDF)

Go To PDF Page Download Datasheet
LEF-C5004T Datasheet PDF - List of Unclassifed Manufacturers

Part # LEF-C5004T
Download  LEF-C5004T Click to download

File Size   59.93 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description FULL COLOR LED LAMPS

LEF-C5004T Datasheet (HTML) - List of Unclassifed Manufacturers


LEF-C5004T Product details

[Letex]

Description:
• Super bright LED Lamp
• Full Color
• Round type
• T1-3/4 (5mm)diameter
• 4 pin
• With Flange
• Solder leads without stand-off
• Package : bulk

Features:
• High Luminous intensity
• Technology : AlGalnP / GaN / GaN
• Peak wavelength λ P = 630 / 528 / 472 nm
• Common Anode
• UV resistant epoxy




Similar Part No. - LEF-C5004T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEF-C5001T ETC-LEF-C5001T Datasheet
59Kb / 1P
FULL COLOR LED LAMPS
LEF-C5002T ETC1-LEF-C5002T Datasheet
63Kb / 1P
FULL COLOR LED LAMPS
More results


Similar Description - LEF-C5004T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEF-C5001T ETC-LEF-C5001T Datasheet
59Kb / 1P
FULL COLOR LED LAMPS
logo
Kingbright Corporation
LF819EMBGMBC KINGBRIGHT-LF819EMBGMBC Datasheet
288Kb / 3P
10mm FULL COLOR RGB LAMPS
logo
List of Unclassifed Man...
LEF-C5002T ETC1-LEF-C5002T Datasheet
63Kb / 1P
FULL COLOR LED LAMPS
logo
A-BRIGHT Inc
AL-HD1G6B433T A-BRIGHT-AL-HD1G6B433T Datasheet
320Kb / 5P
Full Color Chip LED Lamps
2007/6/13
AL-HUBG6B433T A-BRIGHT-AL-HUBG6B433T Datasheet
340Kb / 7P
Full Color Chip LED Lamps
2007/6/13
logo
Lucky Light Electronic
GB-339RPGBC-A LUCKY-LIGHT-GB-339RPGBC-A Datasheet
45Kb / 1P
Full-Color, LED Lamps (5mm, 4 Pins)
GB-U42 LUCKY-LIGHT-GB-U42 Datasheet
43Kb / 1P
Full-Color LED Lamps
logo
A-BRIGHT Inc
AL-HUBG6B433T A-BRIGHT-AL-HUBG6B433T_09 Datasheet
272Kb / 6P
Full Color Chip LED Lamps
AL-HUBG6B434T A-BRIGHT-AL-HUBG6B434T Datasheet
275Kb / 6P
Full Color Chip LED Lamps
logo
NICHIA CORPORATION
NSSM313AT NICHIA-NSSM313AT Datasheet
648Kb / 23P
FULL COLOR LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com