Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE15032 Datasheet (PDF) - ON Semiconductor

MJE15032 Datasheet PDF - ON Semiconductor
Part # MJE15032
Download  MJE15032 Download
File Size   141.84 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description POWER TRANSISTORS COMPLEMENTARY SILICON

MJE15032 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE15032 Datasheet PDF - ON Semiconductor

Part # MJE15032
Download  MJE15032 Click to download

File Size   141.84 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description POWER TRANSISTORS COMPLEMENTARY SILICON

MJE15032 Datasheet (HTML) - ON Semiconductor


MJE15032 Product details

Complementary Silicon Plastic Power Transistors

Designed for use as high−frequency drivers in audio amplifiers.

Features
• DC Current Gain Specified to 5.0 Amperes
                      hFE = 70 (Min) @ IC= 0.5 Adc
                             = 10 (Min) @ IC= 2.0 Adc
• Collector−Emitter Sustaining Voltage
                      VCEO(sus) = 250 Vdc (Min) − MJE15032, MJE15033
• High Current Gain − Bandwidth Product
                       fT= 30 MHz (Min) @ IC= 500 mAdc
• TO−220AB Compact Package
• Epoxy Meets UL 94 V−0 @ 0.125 in
• ESD Ratings: Machine Model C
                         Human Body Model 3B




Similar Part No. - MJE15032

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE15032 MOTOROLA-MJE15032 Datasheet
141Kb / 6P
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
logo
ON Semiconductor
MJE15032 ONSEMI-MJE15032 Datasheet
75Kb / 6P
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
logo
Savantic, Inc.
MJE15032 SAVANTIC-MJE15032 Datasheet
91Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
MJE15032 ISC-MJE15032 Datasheet
109Kb / 2P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
MJE15032 SAVANTIC-MJE15032 Datasheet
92Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - MJE15032

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com