Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1678SR Datasheet (PDF) - Maxim Integrated Products

DS1678SR Datasheet PDF - Maxim Integrated Products
Part # DS1678SR
Download  DS1678SR Download
File Size   819.76 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Real-Time Event Recorder

DS1678SR Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1678SR Datasheet PDF - Maxim Integrated Products

Part # DS1678SR
Download  DS1678SR Click to download

File Size   819.76 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Real-Time Event Recorder

DS1678SR Datasheet (HTML) - Maxim Integrated Products


DS1678SR Product details

GENERAL DESCRIPTION
The DS1678 real-time clock (RTC) event recorder records the time and date of a nonperiodic, asynchronous event each time the INT pin is activated. The device records the seconds, minutes, hours, date, day of the week, month, year, and century when the first event occurs, and starts the 16- bit elapsed time counter (ETC). Subsequent events trigger the recording of the ETC into the event-log memory. This allows for up to 1025 events to be logged. Events can be logged while the device is operating from either VCC or VBAT.

FEATURES
■ Real-Time Clock/Calendar in Binary-Coded Decimal (BCD) Format Counts Seconds, Minutes, Hours, Date, Month, Day of the Week, and Year with Leap Year Compensation and is Year 2000 Compliant
■ Logs Up to 1025 Consecutive Events in ReadOnly Battery-Backed Memory
■ User-Programmable Event Trigger can be Triggered by the Falling Edge, Rising Edge, or Rising and Falling Edges of the INT Pin
■ Event Counter Register Provides Data on the Number of Events that Have Been Logged in the Current Event-Logging Mission
■ Programmable RTC Alarm
■ 32-Byte, Battery-Backed, General-Purpose NV RAM
■ I2C* Serial Interface
■ Three Resolution Options for Trade-Off Accuracy vs. Maximum Time Between Events
■ -40°C to +85°C Industrial Temperature Range
■ Underwriters Laboratory (UL) Recognized




Similar Part No. - DS1678SR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1678 NSC-DS1678 Datasheet
120Kb / 6P
TRI-STATEÉ TTL to MOS Multiplexers/Drivers
February 1986
DS1678J NSC-DS1678J Datasheet
120Kb / 6P
TRI-STATEÉ TTL to MOS Multiplexers/Drivers
February 1986
More results


Similar Description - DS1678SR

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS12887 DALLAS-DS12887 Datasheet
584Kb / 19P
Real Time Clock
DS12B887 DALLAS-DS12B887 Datasheet
102Kb / 16P
Real Time Clock
logo
List of Unclassifed Man...
VT82885 ETC-VT82885 Datasheet
72Kb / 16P
Real Time Clock
STK17TA8 ETC-STK17TA8 Datasheet
567Kb / 22P
nvTime??Event Data Recorder 128K x 8 AutoStore??nvSRAM with Real-Time Clock Product Preview
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
logo
Epson ToYoCom
RTC-8593SA EPSONTOYOCOM-RTC-8593SA Datasheet
377Kb / 2P
Real time clock
RTC-64613 EPSONTOYOCOM-RTC-64613 Datasheet
440Kb / 2P
Real time clock
logo
Golledge Electronics Lt...
RV8564C2 GOLLEDGE-RV8564C2_08 Datasheet
55Kb / 1P
Real Time Clock
logo
Maxim Integrated Produc...
DS1683 MAXIM-DS1683 Datasheet
1Mb / 21P
Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
DS1683 MAXIM-DS1683_12 Datasheet
1Mb / 21P
Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com