|
DESCRIPTION The M61880FP is a semiconductor laser-diode driver/controller. Its functions are the driving and laser power control of a specific type(Mitsubishis N-type laser)of semiconductor laser diode,in which the anode of a semiconductor laser diode is connected in stem structure to the cathode of a monitoring photodiode. The IC has a laser drive current output pin of sink type and is capable of driving a laser diode on a maximum bias current of 40mA and a maximum switching current of 100 mA,which is switching at a rate of 200Mbps. Since the M61880FP has a built in sample-hold circuit,it is possible to realize an internal APC* system that requires no external device for laser power control. *:Automatic Power Control FEATURES ● Built-in sample-hold circuit for internal APC function Hold error voltage is less than 1% for 1µs(C=0.047µF) ● High speed switching 200Mbps ● 5V single power supply ● Large driving current 100mA (max) ● Capable of setting bias current (40mA max) APPLICATION Semiconductor laser-diode applied equipment • Laser beam printer(LBP) • Plain Paper Copier(PPC)
|