Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33C408 Datasheet (PDF) - Maxwell Technologies

33C408 Datasheet PDF - Maxwell Technologies
Part # 33C408
Download  33C408 Download
File Size   241.17 Kbytes
Page   12 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 4 Megabit (512K x 8-Bit) CMOS SRAM

33C408 Datasheet (PDF)

Go To PDF Page Download Datasheet
33C408 Datasheet PDF - Maxwell Technologies

Part # 33C408
Download  33C408 Click to download

File Size   241.17 Kbytes
Page   12 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 4 Megabit (512K x 8-Bit) CMOS SRAM

33C408 Datasheet (HTML) - Maxwell Technologies


33C408 Product details

DESCRIPTION:
Maxwell Technologies’ 33C408 high-density 4 Megabit SRAM microcircuit features a greater than 100 krad (Si) total dose tolerance, depending upon space mission. Using Maxwell’s radiation-hardened RAD-PAK® packaging technology, the 33C408 realizes a high density, high performance, and low power consumption. Its fully static design eliminates the need for external clocks, while the CMOS circuitry reduces power consumption and provides higher reliability. The 33C408 is equipped with eight common input/output lines, chip select and output enable, allowing for greater system flexibility and eliminating bus contention. The 33C408 features the same advanced 512K x 8-bit SRAM, high-speed, and low-power demand as the commercial counterpart.

FEATURES:
• RAD-PAK® Technology radiation-hardened against natural space radiation
• 524,288 x 8 bit organization
• Total dose hardness:
    - > 100 krad (Si), depending upon space mission
• Excellent Single Event Effect
    - SELTH: > 68 MeV/mg/cm2
    - SEUTH: = 3 MeV/mg/cm2
    - SEU saturated cross section: 6E-9 cm2/bit
• Package:
    - 32-Pin RAD-PAK® flat pack
    - 32-Pin Non-RAD-PAK® flat pack
• Fast access time:
    - 20, 25, 30 ns maximum times available
• Single 5V + 10% power supply
• Fully static operation
    - No clock or refresh required
• Three state outputs
• TTL compatible inputs and outputs
• Low power:
    - Standby: 60 mA (TTL); 10 mA (CMOS)
    - Operation: 180 mA (20 ns); 170 mA (25 ns); 160 mA (30 ns)




Similar Part No. - 33C408

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
33C RENESAS-33C Datasheet
528Kb / 56P
RENESAS MCU
logo
Infineon Technologies A...
33CN10N INFINEON-33CN10N Datasheet
860Kb / 12P
N-channel, normal level
Rev. 1.091 2013-07-25
More results


Similar Description - 33C408

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S9308 AMICC-A62S9308 Datasheet
276Kb / 17P
512K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
List of Unclassifed Man...
EN29F040 ETC-EN29F040 Datasheet
223Kb / 32P
4 Megabit (512K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29F040A EON-EN29F040A Datasheet
273Kb / 35P
4 Megabit (512K x 8-bit) Flash Memory
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
512K X 8-bit CMOS SRAM
logo
Maxwell Technologies
32C408B MAXWELL-32C408B Datasheet
187Kb / 11P
4 Megabit (512K x 8-Bit) SRAM
33LV408 MAXWELL-33LV408 Datasheet
224Kb / 12P
4 Megabit (512K x 8-Bit) CMOS SRAM
79C0408 MAXWELL-79C0408 Datasheet
353Kb / 20P
4 Megabit (512k x 8-bit) EEPROM MCM
logo
Lyontek Inc.
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
More results




About Maxwell Technologies


Maxwell Technologies, Inc. was an American company that specialized in the design and manufacture of energy storage and power delivery solutions.

The company was founded in 1965 and had its headquarters in San Diego, California.

Maxwell Technologies offered a wide range of products including ultracapacitors, high-voltage capacitors, and microelectronic components.

These products were used in a variety of applications, including transportation, renewable energy systems, and industrial equipment.

In 2019, Maxwell Technologies was acquired by Tesla, Inc., and its products are now part of Tesla's energy storage and power delivery solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com