Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS270A Datasheet (PDF) - EIC discrete Semiconductors

1SS270A Datasheet PDF - EIC discrete Semiconductors
Part # 1SS270A
Download  1SS270A Download
File Size   82.41 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description HIGH SPEED SWITCHING DIODE

1SS270A Datasheet (PDF)

Go To PDF Page Download Datasheet
1SS270A Datasheet PDF - EIC discrete Semiconductors

Part # 1SS270A
Download  1SS270A Click to download

File Size   82.41 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description HIGH SPEED SWITCHING DIODE

1SS270A Datasheet (HTML) - EIC discrete Semiconductors


1SS270A Product details

FEATURES :
• High switching speed: max. 3.5 ns
• Continuous reverse voltage:max. 60 V
• Peak reverse voltage:max. 70 V
• Pb / RoHS Free

MECHANICAL DATA :
   Case: DO-34 Glass Case
   Weight: approx. 0.093g




Similar Part No. - 1SS270A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS270A HITACHI-1SS270A Datasheet
23Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
1SS270A RENESAS-1SS270A Datasheet
75Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
SEMTECH ELECTRONICS LTD...
1SS270A SEMTECH_ELEC-1SS270A Datasheet
166Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Shenzhen Luguang Electr...
1SS270A LUGUANG-1SS270A Datasheet
202Kb / 2P
Low capacitance (C = 3.0pF max)
More results


Similar Description - 1SS270A

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com