Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE253 Datasheet (PDF) - ON Semiconductor

MJE253 Datasheet PDF - ON Semiconductor
Part # MJE253
Download  MJE253 Download
File Size   235.36 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description POWER TRANSISTORS COMPLEMENTARY SILICON

MJE253 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE253 Datasheet PDF - ON Semiconductor

Part # MJE253
Download  MJE253 Click to download

File Size   235.36 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description POWER TRANSISTORS COMPLEMENTARY SILICON

MJE253 Datasheet (HTML) - ON Semiconductor


MJE253 Product details

These devices are designed for low power audio amplifier and low−current, high−speed switching applications.
   
Features
• High Collector−Emitter Sustaining Voltage −
                 VCEO(sus) = 100 Vdc (Min)
• High DC Current Gain @ IC = 200 mAdc
                 hFE = 40−200
                         = 40−120
• Low Collector−Emitter Saturation Voltage −
                VCE(sat) = 0.3 Vdc (Max) @ IC = 500 mAdc
• High Current Gain Bandwidth Product −
                 fT = 40 MHz (Min) @ IC = 100 mAdc
• Annular Construction for Low Leakages
                 ICBO = 100 nAdc (Max) @ Rated VCB
• Pb−Free Packages are Available*
   




Similar Part No. - MJE253

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE253 MOTOROLA-MJE253 Datasheet
235Kb / 6P
4 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 15 WATTS
logo
Central Semiconductor C...
MJE253 CENTRAL-MJE253 Datasheet
76Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJE253 ONSEMI-MJE253 Datasheet
90Kb / 6P
Complementary Silicon Power Plastic Transistors 100 VOLTS, 15 WATTS
February, 2006 ??Rev. 11
logo
Inchange Semiconductor ...
MJE253 ISC-MJE253 Datasheet
102Kb / 2P
isc Silicon PNP Power Transistor
logo
ON Semiconductor
MJE253 ONSEMI-MJE253 Datasheet
193Kb / 6P
Complementary Silicon Power Plastic Transistors
April, 2009 ??Rev. 13
More results


Similar Description - MJE253

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com