| Manufacturer | Part # | Datasheet | Description |
 Schneider Electric |
HGL36070AB
|
140Kb / 2P |
Circuit breaker, PowerPact H, thermal magnetic, Circuit breaker, PowerPact H, thermal magnetic,
Jul 27, 2020 |
|
GV2ME07
|
207Kb / 9P |
thermal magnetic circuit protector
Aug 11, 2019 |
|
GV2ME08
|
186Kb / 10P |
thermal magnetic circuit protector
Aug 21, 2020 |
|
GV3P40
|
178Kb / 7P |
thermal magnetic circuit protector
Aug 15, 2019 |
|
GV2ME06
|
220Kb / 9P |
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, pushbuttons, 1 to 1.6 A, screw clamp
Aug 11, 2019 |
|
GV2ME163
|
215Kb / 9P |
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, push buttons, 9...14 A, spring terminals
Aug 15, 2019 |
|
GV2ME013
|
209Kb / 9P |
TeSys Deca Manual Starter and Protector, thermal magnetic circuit protector, push buttons, 0.1...0.16 A, spring terminals
May 12, 2022 |
|
GV2P05
|
205Kb / 9P |
TeSys Deca Manual Starter and Protector, thermal magnetic circuit protector, rotary handle, 0.63?? A, screw clamp terminals
May 12, 2022 |
|
GV2RT05
|
181Kb / 5P |
TeSys GV2 Manual Starter and Protector, thermal magnetic circuit protector, toggle switch, 0.63?? A, screw clamp terminals
May 12, 2022 |
|
GB2CB14
|
109Kb / 3P |
TeSys GB2 thermal magnetic circuit protector, 1 P, 8 A, Id = 108 A
un 13, 2022 |