Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEE-TG2A4R7 Datasheet (PDF) - Panasonic Semiconductor

EEE-TG2A4R7 Datasheet PDF - Panasonic Semiconductor
Part # EEE-TG2A4R7
Download  EEE-TG2A4R7 Download
File Size   38.55 Kbytes
Page   1 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Aluminum Electrolytic Capacitors(SMD Type)

EEE-TG2A4R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
EEE-TG2A4R7 Datasheet PDF - Panasonic Semiconductor

Part # EEE-TG2A4R7
Download  EEE-TG2A4R7 Click to download

File Size   38.55 Kbytes
Page   1 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Aluminum Electrolytic Capacitors(SMD Type)

EEE-TG2A4R7 Datasheet (HTML) - Panasonic Semiconductor


EEE-TG2A4R7 Product details

Surface Mount Type
Series: FK Type: V

■ Features
● Endurance: 2000 h to 5000 h at 105 °C
● Low impedance (40 % to 60 % less than FC series)
   Miniaturized (30 % to 50 % less than FC series)
● Vibration-proof product is available upon request. (ø8 mm and larger)
● AEC-Q200 qualified✽
● RoHS directive compliant




Similar Part No. - EEE-TG2A4R7

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-TG2A220UP PANASONIC-EEE-TG2A220UP Datasheet
84Kb / 3P
Aluminum Electrolytic Capacitors/ TG
More results


Similar Description - EEE-TG2A4R7

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
HCGF5A HITACHI-METALS-HCGF5A Datasheet
43Kb / 2P
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Suntan Capacitors
TS13AD SUNTAN-TS13AD Datasheet
138Kb / 2P
AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
TS13AE SUNTAN-TS13AE Datasheet
139Kb / 2P
AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
TS13AD SUNTAN-TS13AD Datasheet
138Kb / 2P
AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
TS13AE SUNTAN-TS13AE Datasheet
139Kb / 2P
AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
VEC100M1CTR-0405 ETC2-VEC100M1CTR-0405 Datasheet
182Kb / 1P
SMD Aluminum Electrolytic Capacitors
logo
EPCOS
B41121A6107M EPCOS-B41121A6107M Datasheet
597Kb / 13P
Aluminum Electrolytic Capacitors: SMD
logo
Panasonic Semiconductor
EEEFK0J352SQ PANASONIC-EEEFK0J352SQ Datasheet
57Kb / 2P
Aluminum Electrolytic Capacitors (SMD Type)
EEE-1VA101XAP PANASONIC-EEE-1VA101XAP Datasheet
65Kb / 3P
Aluminum Electrolytic Capacitors (SMD Type)
FKS PANASONIC-FKS Datasheet
798Kb / 4P
Aluminum Electrolytic Capacitors (SMD Type)
17-Apr-19
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com