Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR9271 Datasheet (PDF) - List of Unclassifed Manufacturers

AR9271 Datasheet PDF - List of Unclassifed Manufacturers
Part # AR9271
Download  AR9271 Download
File Size   2723.07 Kbytes
Page   152 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description AR9271 Single-Chip 1x1 MAC/BB/Radio/PA/LNA with USB Interface for 802.11n 2.4 GHz WLANs

AR9271 Datasheet (PDF)

Go To PDF Page Download Datasheet
AR9271 Datasheet PDF - List of Unclassifed Manufacturers

Part # AR9271
Download  AR9271 Click to download

File Size   2723.07 Kbytes
Page   152 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description AR9271 Single-Chip 1x1 MAC/BB/Radio/PA/LNA with USB Interface for 802.11n 2.4 GHz WLANs

AR9271 Datasheet (HTML) - List of Unclassifed Manufacturers


AR9271 Product details

[ATHEROS]

General Description
The Atheros AR9271 is a highly integrated singlechip solution for 2.4 GHz 802.11n-ready wireless local area networks (WLANs) that enables a highperformance 1x1 configuration for wireless station applications demanding robust link quality and maximum throughput and range. The AR9271 integrates a multi-protocol MAC, baseband processor, analog-to-digital and digital-to-analog (ADC/DAC) converters, 1x1 radio transceiver, RF switch, and USB interface in an all-CMOS device for low power and small form factor applications.

Features
■ All-CMOS solution interoperable with IEEE
   802.11b/g/n WLANs
■ Intergrated RF front end with high-output PA,
   LNA, Rx/Tx switch
■ Internal diversity switch which selects antenna
   1 or 2 for baseband signal processing
■ Supports optional external LNA, PA
■ 2.4 GHz WLAN MAC/BB processing
■ BPSK, QPSK, 16 QAM, 64 QAM, DBPSK,
   DQPSK, and CCK modulation schemes
■ Supports 72.2 Mbps for 20 MHz and 150 Mbps
   for 40 MHz channel operations
■ Wireless multimedia enhancements quality of
   service support (QoS)
■ 802.11e-compatible bursting
■ Support for IEEE 802.11e and IEEE 802.11i
   standards
■ WEP, TKIP, and AES hardware encryption
■ Reduced (short) guard interval
■ Frame aggregation
■ Block ACK
■ USB 2.0 interface
■ Supports the access of a serial peripheral (SPI)
   compatible Flash memory, which includes
   booting from an SPI Flash and auto
   installation
■ IEEE 1149.1 standard test access port and
   boundary scan architecture supported
■ 68-pin, 8 mm x 8 mm LPCC package




Similar Part No. - AR9271

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AR904 POSEICO-AR904 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR904S29 POSEICO-AR904S29 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR912 POSEICO-AR912 Datasheet
167Kb / 4P
RECTIFIER DIODE
AR912S56 POSEICO-AR912S56 Datasheet
167Kb / 4P
RECTIFIER DIODE
logo
List of Unclassifed Man...
AR9341 ETC1-AR9341 Datasheet
3Mb / 420P
Highly-Integrated and Feature-Rich IEEE 802.11n 2x2 2.4 GHz Premium SoC for Advanced WLAN Platforms
More results


Similar Description - AR9271

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2544 TI1-CC2544_16 Datasheet
387Kb / 29P
System-on-Chip for 2.4-GHz USB Applications
logo
Cypress Semiconductor
BCM43143KMLG CYPRESS-BCM43143KMLG Datasheet
1Mb / 58P
Single-Chip IEEE 802.11b/g/n MAC/PHY/Radio with USB/SDIO Host Interface
BCM43143KMLGT CYPRESS-BCM43143KMLGT Datasheet
1Mb / 58P
Single-Chip IEEE 802.11b/g/n MAC/PHY/Radio with USB/SDIO Host Interface
BCM43236BKMLG CYPRESS-BCM43236BKMLG Datasheet
908Kb / 43P
2.4 GHz/5 GHz IEEE802.11n MAC/PHY/Radio Chip
logo
Microchip Technology
MRF24J40MD MICROCHIP-MRF24J40MD Datasheet
939Kb / 34P
2.4 GHz IEEE Std. 802.15.4??RF Transceiver Module with PA/LNA
03/25/14
logo
Cypress Semiconductor
CYW43143 CYPRESS-CYW43143 Datasheet
807Kb / 44P
Single Chip IEEE 802.11 b/g/n MAC/PHY/Radio with USB/SDIO Host Interface
CYW43340 CYPRESS-CYW43340 Datasheet
1Mb / 96P
Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
logo
List of Unclassifed Man...
MT7620 ETC1-MT7620 Datasheet
1Mb / 54P
Integrated 802.11n MAC/BBP and 2.4 GHz RF/FEM Router-on-a-Chip
logo
Cypress Semiconductor
BCM43236 CYPRESS-BCM43236 Datasheet
504Kb / 43P
2.4 GHz/5 GHz IEEE802.11n MAC/PHY/Radio Chip
September 16, 2013
logo
Infineon Technologies A...
CYW43455 INFINEON-CYW43455 Datasheet
2Mb / 121P
Single-Chip 5G WiFi IEEE 802.11n/ac MAC/Baseband/ Radio with Integrated Bluetooth 5.0
Revised March 22, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com