Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC956A1C0 Datasheet (PDF) - Schneider Electric

SC956A1C0 Datasheet PDF - Schneider Electric
Part # SC956A1C0
Download  SC956A1C0 Download
File Size   94.49 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Ultrasonic sensor - analog - current (mA) - 30 mm barrel - 15-24 V DC

SC956A1C0 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC956A1C0 Datasheet PDF - Schneider Electric

Part # SC956A1C0
Download  SC956A1C0 Click to download

File Size   94.49 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Ultrasonic sensor - analog - current (mA) - 30 mm barrel - 15-24 V DC

SC956A1C0 Datasheet (HTML) - Schneider Electric




Similar Part No. - SC956A1C0

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC9561 FAIRVIEW-SC9561 Datasheet
578Kb / 3P
MMCX Jack Connector Crimp/Solder Attachment For .100 inch, RG316, RG174, RG188, LMR-100, LMR- 100A, LMR-100-FR Cable
REV 2.1A
More results


Similar Description - SC956A1C0

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1403 ONSEMI-NCP1403 Datasheet
160Kb / 20P
15 V/50 mA PFM Step-Up DC-DC Converter
December, 2002 - Rev. 4
logo
NXP Semiconductors
1PS66SB82 PHILIPS-1PS66SB82 Datasheet
116Kb / 10P
15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
1PS66SB82 NXP-1PS66SB82 Datasheet
116Kb / 10P
15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
logo
Texas Instruments
TPS715XX TI1-TPS715XX_12 Datasheet
643Kb / 16P
50 mA, 24 V, 3.2-mA Supply Current
logo
NXP Semiconductors
1PS66SB82_1PS88SB82 PHILIPS-1PS66SB82_1PS88SB82_15 Datasheet
116Kb / 10P
15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04-13 January 2010
logo
IK Semicon Co., Ltd
ILX232 IKSEMICON-ILX232 Datasheet
384Kb / 7P
Output current 24 mA
logo
PHOENIX CONTACT
2766850 PHOENIX-2766850 Datasheet
174Kb / 5P
Pulse expansion module, input: 24 V DC, output: 3 - 48 V DC/100 mA, supply: 20 - 30 V DC
logo
Banner Engineering Corp...
SM30 BANNER-SM30 Datasheet
350Kb / 5P
SM30 Series 30 mm Barrel Sensors
logo
Schneider Electric
RMCA61BD SCHNEIDER-RMCA61BD Datasheet
142Kb / 6P
Harmony analog, Isolated analog converter, 0...15 A current to 0??0 V or 4...20 mA
Sep 13, 2021
logo
Nexperia B.V. All right...
1PS66SB82 NEXPERIA-1PS66SB82 Datasheet
697Kb / 10P
15 V, 30 mA low Cd Schottky barrier diodes
Rev. 04 - 13 January 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com