Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D10SB10 Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

D10SB10 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # D10SB10
Download  D10SB10 Download
File Size   99.94 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 10A GLASS PASSIVATED BRIDGE RECTIFIER

D10SB10 Datasheet (PDF)

Go To PDF Page Download Datasheet
D10SB10 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # D10SB10
Download  D10SB10 Click to download

File Size   99.94 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 10A GLASS PASSIVATED BRIDGE RECTIFIER

D10SB10 Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd


D10SB10 Product details

Features
• Glass Passivated Die Construction
• High Case Dielectric Strength of 1500VRMS
• Low Reverse Leakage Current
• Surge Overload Rating to 170A Peak
• Ideal for Printed Circuit Board Applications
• Plastic Material - UL Flammability
   Classification 94V-0
• Lead Free Finish/RoHS Complian




Similar Part No. - D10SB10

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
D10SB10 SSE-D10SB10 Datasheet
16Kb / 1P
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
logo
Leshan Radio Company
D10SB10 LRC-D10SB10 Datasheet
60Kb / 2P
10A(SIP) BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
D10SB10 SECOS-D10SB10 Datasheet
392Kb / 2P
Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
D10SB10 LRC-D10SB10 Datasheet
243Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Shanghai Sunrise Electr...
D10SB100 SSE-D10SB100 Datasheet
16Kb / 1P
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
More results


Similar Description - D10SB10

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PB1000G WTE-PB1000G Datasheet
34Kb / 3P
10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU10005 DIODES-GBU10005 Datasheet
53Kb / 2P
10A GLASS PASSIVATED BRIDGE RECTIFIER
DS30052 Rev. D-2
logo
TAITRON Components Inco...
TU1000G TAITRON-TU1000G Datasheet
195Kb / 4P
10A Glass Passivated Bridge Rectifier
logo
Shenzhen Luguang Electr...
GBJ10005 LUGUANG-GBJ10005 Datasheet
172Kb / 2P
10A Glass Passivated Bridge Rectifier
logo
Yea Shin Technology Co....
GBJ10005 YEASHIN-GBJ10005 Datasheet
371Kb / 2P
10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ10005 DIODES-GBJ10005_15 Datasheet
81Kb / 3P
10A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
GBJ10A ZSELEC-GBJ10A Datasheet
45Kb / 2P
10A GLASS PASSIVATED BRIDGE RECTIFIER
GBJ10005 ZSELEC-GBJ10005 Datasheet
45Kb / 2P
10A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ10A ZSELEC-KBJ10A Datasheet
84Kb / 2P
10A GLASS PASSIVATED BRIDGE RECTIFIER
RS1001M ZSELEC-RS1001M Datasheet
100Kb / 2P
10A GLASS PASSIVATED BRIDGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com