Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA634UCX Datasheet (PDF) - ON Semiconductor

FSA634UCX Datasheet PDF - ON Semiconductor
Part # FSA634UCX
Download  FSA634UCX Download
File Size   986.33 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2:1 MIPI D-PHY (1.5Gbps) 4Data Lane Switch

FSA634UCX Datasheet (PDF)

Go To PDF Page Download Datasheet
FSA634UCX Datasheet PDF - ON Semiconductor

Part # FSA634UCX
Download  FSA634UCX Click to download

File Size   986.33 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2:1 MIPI D-PHY (1.5Gbps) 4Data Lane Switch

FSA634UCX Datasheet (HTML) - ON Semiconductor




Similar Part No. - FSA634UCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA636 ONSEMI-FSA636 Datasheet
781Kb / 7P
Ultra Small, Low Power, 4 Data Lane, 2:1 Switch for MIPI, SuperSpeed USB, PCIe and DisplayPort
March, 2020 - Rev. P0
FSA636UCX ONSEMI-FSA636UCX Datasheet
781Kb / 7P
Ultra Small, Low Power, 4 Data Lane, 2:1 Switch for MIPI, SuperSpeed USB, PCIe and DisplayPort
March, 2020 - Rev. P0
More results


Similar Description - FSA634UCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA641 FAIRCHILD-FSA641 Datasheet
1Mb / 3P
2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
FSA644UCX FAIRCHILD-FSA644UCX Datasheet
624Kb / 10P
FSA644 ??2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
logo
Texas Instruments
TS5MP645 TI1-TS5MP645 Datasheet
1Mb / 31P
4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
logo
ON Semiconductor
FSA644 ONSEMI-FSA644 Datasheet
1Mb / 11P
2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
May 2018 Rev. 2
FSA646 ONSEMI-FSA646 Datasheet
458Kb / 8P
2:1 MIPI D-PHY 4-Data Lane Switch
June, 2018 ??Rev. 0
FSA660 ONSEMI-FSA660 Datasheet
314Kb / 8P
2:1 MIPI C-PHY (5.7 Gbps) 1-Data Lane Switch
September 2016 Rev. 1.0
logo
Will Semiconductor Ltd.
WAS4646 WILLSEMI-WAS4646 Datasheet
582Kb / 8P
MIPI D-PHY 2.5Gbps, 4-Channel Differential, 2:1 Lane Switch
logo
ON Semiconductor
FSA646A ONSEMI-FSA646A Datasheet
487Kb / 9P
2:1 MIPI D-PHY (4.5Gbps) 4-Data-Lane & C-PHY (3.5Gsps) 3-Data-Lane Switch
April, 2019 ??Rev. 0
logo
Diodes Incorporated
PI3WVR626 DIODES-PI3WVR626 Datasheet
1Mb / 12P
2:1 MIPI 2-Data Lane Switch
Rev 3 - 2 March 2020
PI3WVR2646 DIODES-PI3WVR2646 Datasheet
645Kb / 9P
2:1 MIPI 4-Data Lane Switch
Rev 4 - 2 September 2022
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com