Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBM-40-SC Datasheet (PDF) - Luminus, Inc

SBM-40-SC Datasheet PDF - Luminus, Inc
Part # SBM-40-SC
Download  SBM-40-SC Download
File Size   1207.19 Kbytes
Page   16 Pages
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc
Description High optical output at 2 A: up to 253 Red lumens

SBM-40-SC Datasheet (PDF)

Go To PDF Page Download Datasheet
SBM-40-SC Datasheet PDF - Luminus, Inc

Part # SBM-40-SC
Download  SBM-40-SC Click to download

File Size   1207.19 Kbytes
Page   16 Pages
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc
Description High optical output at 2 A: up to 253 Red lumens

SBM-40-SC Datasheet (HTML) - Luminus, Inc




Similar Part No. - SBM-40-SC

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SBM-40-SC LUMINUS-SBM-40-SC Datasheet
1Mb / 20P
COLOR LEDS
2022
SBM-40-SC LUMINUS-SBM-40-SC_V01 Datasheet
1Mb / 20P
COLOR LEDS
2022
More results


Similar Description - SBM-40-SC

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ25 EMERSON-NETWORKPOWER-ALQ25 Datasheet
104Kb / 2P
Delivers up to 25 A output current
logo
Everlight Electronics C...
EHP-B05 EVERLIGHT-EHP-B05_12 Datasheet
1Mb / 27P
Robust package with high lumens
logo
Tyco Electronics
RL73X1H MACOM-RL73X1H Datasheet
177Kb / 5P
Up to 2 Watts at 70째C
logo
XP Power Limited
DSF XPPOWER-DSF Datasheet
326Kb / 2P
Up to 28 A Output Current
logo
List of Unclassifed Man...
1693 ETC2-1693 Datasheet
2Mb / 3P
Up to 60 A output current
logo
First Components Intern...
FGM7632 FCI-FGM7632 Datasheet
162Kb / 5P
Output Currents up to 0.5A (output1 & 2)
logo
Crydom Inc.,
DR22 CRYDOM-DR22 Datasheet
685Kb / 6P
Output ratings up to 30 Amps at 200 VDC
logo
Luminus, Inc
SBM-40-LC LUMINUS-SBM-40-LC Datasheet
1Mb / 16P
High optical output at 1A up to 133 Red lumens
SST-90-R LUMINUS-SST-90-R Datasheet
1Mb / 14P
Extremely high optical output Red LEDs: Typ.1500 lumens at 9A
SST-90-W LUMINUS-SST-90-W Datasheet
1Mb / 16P
Extremely high optical output White LED: up to 4,000lm at 18A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com