| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCP583
|
71Kb / 10P |
Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5 |
|
NCP583
|
72Kb / 10P |
Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8 |
 Texas Instruments |
TPS709
|
1Mb / 28P |
150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
|
 ON Semiconductor |
NCP170
|
664Kb / 20P |
Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6 |
|
NCV8170
|
594Kb / 20P |
Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2 |
|
NCP583
|
73Kb / 10P |
Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15 |
|
NCP170
|
769Kb / 23P |
Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14 |
|
NCP711
|
1Mb / 12P |
LDO Regulator, 100 mA, 18V, 1 A IQ, with PG
June, 2020 ??Rev. 1 |
|
NCP730
|
3Mb / 30P |
LDO Regulator, 150 mA, 38V, 1 A IQ, with PG
March, 2020 ??Rev. 0 |
|
NCV8711
|
1Mb / 12P |
LDO Regulator, 100 mA, 18V, 1 A IQ, with PG
June, 2020 ??Rev. 1 |