| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTD4810N
|
299Kb / 8P |
Power MOSFET 30 V, 54 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 8 |
|
NVMFS015N10MCL
|
198Kb / 7P |
MOSFET - Power, Single N-Channel 100 V, 12.2 m, 47.1 A
April, 2020 ??Rev. 2 |
|
NTMFS002N10MCL
|
129Kb / 7P |
MOSFET - Power, Single N-Channel 100 V, 2.8 m, 175 A
October, 2021 ??Rev. 1 |
|
NTMTS002N10MC
|
320Kb / 8P |
MOSFET - Power, Single N-Channel 100 V, 2.3 m, 236 A
April, 2021 -Rev. 0 |
|
NTMTSC002N10MC
|
273Kb / 7P |
MOSFET - Power, Single N-Channel 100 V, 2.0 m, 236 A
September, 2021-Rev. 1 |
|
NTMTSC1D6N10MC
|
262Kb / 7P |
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 267 A
September, 2021-Rev. 1 |
|
NTMYS4D1N06CL
|
333Kb / 7P |
MOSFET ??Power, Single, N-Channel 60 V, 4.0 m, 100 A
November, 2019-Rev. 1 |
|
NVTYS007N04CL
|
330Kb / 7P |
MOSFET ??Power, Single N-Channel 40 V, 7.3 m, 54 A
April, 2021 ??Rev. 0 |
|
NVMYS012N10MCL
|
243Kb / 6P |
MOSFET - Power, Single N-Channel 100 V, 12.2 m, 52 A
June, 2022 - Rev. 0 |
|
NVMYS016N10MCL
|
228Kb / 6P |
MOSFET – Power, Single N-Channel 100 V, 14 m, 46 A
June, 2022 - Rev. 1 |