Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABS1 Datasheet (PDF) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

ABS1 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Part # ABS1
Download  ABS1 Download
File Size   502.74 Kbytes
Page   3 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description 1A SURFACE MOUNT GLASS PASSIVATED BRIDGE

ABS1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABS1 Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # ABS1
Download  ABS1 Click to download

File Size   502.74 Kbytes
Page   3 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description 1A SURFACE MOUNT GLASS PASSIVATED BRIDGE

ABS1 Datasheet (HTML) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD


ABS1 Product details

FEATURES:
• Glass Passivated Chip Junction
• Reverse Voltage - 100 to 1000 V
• Forward Current - 0.8 A
• High Surge Current Capability
• Designed for Surface Mount Application




Similar Part No. - ABS1

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ABS1 DIOTECH-ABS1 Datasheet
729Kb / 2P
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Gaomi Xinghe Electronic...
ABS1 GXELECTRONICS-ABS1 Datasheet
317Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Compact Technology Corp...
ABS1 CTC-ABS1 Datasheet
252Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
ABS1 CTC-ABS1 Datasheet
252Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Jinan Jing Heng Electro...
ABS1 JINGHENG-ABS1 Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - ABS1

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
ABS1-10-ABS-LBF YFWDIODE-ABS1-10-ABS-LBF Datasheet
420Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
1A-MB1F-MBF YFWDIODE-1A-MB1F-MBF Datasheet
476Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
1A-MB1S-MBS YFWDIODE-1A-MB1S-MBS Datasheet
481Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
HDS10M DIODES-HDS10M Datasheet
489Kb / 5P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
logo
DONGGUAN YOU FENG WEI E...
MB1F-10 YFWDIODE-MB1F-10 Datasheet
638Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE
MB1S-10 YFWDIODE-MB1S-10 Datasheet
496Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE
UM1B YFWDIODE-UM1B Datasheet
489Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
SHIKUES Electronics
LUM1B SKTECHNOLGY-LUM1B Datasheet
1Mb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1FK SKTECHNOLGY-MB1FK Datasheet
1Mb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1SK SKTECHNOLGY-MB1SK Datasheet
521Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com