Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1821A-08TT Datasheet (PDF) - Alliance Semiconductor Corporation

P1821A-08TT Datasheet PDF - Alliance Semiconductor Corporation
Part # P1821A-08TT
Download  P1821A-08TT Download
File Size   60.04 Kbytes
Page   8 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description Low Power Mobile VGA EMI Reduction IC

P1821A-08TT Datasheet (PDF)

Go To PDF Page Download Datasheet
P1821A-08TT Datasheet PDF - Alliance Semiconductor Corporation

Part # P1821A-08TT
Download  P1821A-08TT Click to download

File Size   60.04 Kbytes
Page   8 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description Low Power Mobile VGA EMI Reduction IC

P1821A-08TT Datasheet (HTML) - Alliance Semiconductor Corporation


P1821A-08TT Product details

Product Description
The P18xx is a versatile spread spectrum frequency modulator designed specifically for a wide range of input clock frequencies from 10 to 160 MHz (see Input Frequency and Modulation Rate Selections). The P18xx can generate an EMI reduced clock from crystal, ceramic resonator, or system clock. The P18xx-A to P18xx-H offer various combinations of spread options and percentage deviations (see Spread Deviation Selections). These combinations include Down Spread, Center Spread and percentage deviation range from ±0.625% to -3.50%.

Features
• FCC approved method of EMI attenuation
• Provides up to 15 dB EMI reduction
• Generates a low EMI spread spectrum clock and a non-spread reference clock of the input frequency
• Optimized for frequency range from 10 MHz to 160 MHz
    P1818: 10 to 20 MHz
    P1819: 20 to 40 MHz
    P1820: 40 to 80 MHz
    P1821: 10 to 40 MHz
    P1822: 80 to 160 MHz
• Internal loop filter minimizes external components and board space
• Selectable spread options: Down Spread and Center Spread
• Low inherent cycle-to-cycle jitter
• Eight spread % selections: +/-0.625% to –3.5%
• 3.3V operating voltage
• CMOS/TTL compatible inputs and outputs
• Low power CMOS design
• Supports notebook VGA and other LCD timing controller applications
• Power down function for mobile application
• Products are available for industrial temperature range.
• Available in 8-pin SOIC and TSSOP




Similar Part No. - P1821A-08TT

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
P1820HDB NIKOSEM-P1820HDB Datasheet
199Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
P1820HDB UNIKC-P1820HDB Datasheet
817Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
P1820HTFB NIKOSEM-P1820HTFB Datasheet
202Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Wuxi U-NIKC Semiconduct...
P1820HTFB UNIKC-P1820HTFB Datasheet
812Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
NIKO SEMICONDUCTOR CO.,...
P1825HDB NIKOSEM-P1825HDB Datasheet
200Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - P1821A-08TT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P1819N ALSC-ASM3P1819N Datasheet
354Kb / 7P
Low Power Mobile VGA EMI Reduction IC
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
Low Power EMI Reduction IC
P1817A ALSC-P1817A Datasheet
302Kb / 10P
Low-Power Mobile VGA EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P1819N PULSECORE-ASM3P1819N Datasheet
332Kb / 7P
Low Power Mobile VGA EMI Reduction IC
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
Low Power EMI Reduction IC
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
Low Power EMI Reduction IC
P1817A PULSECORE-P1817A Datasheet
382Kb / 10P
Low-Power Mobile VGA EMI Reduction IC
logo
ON Semiconductor
ASM3P1819N ONSEMI-ASM3P1819N Datasheet
109Kb / 6P
Low Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P2
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
Low Power EMI Reduction IC
August, 2011 ??Rev. 3
P1817A ONSEMI-P1817A Datasheet
120Kb / 7P
Low-Power Mobile VGA EMI Reduction IC
August, 2011 ??Rev. P3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com