Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08376 Datasheet (PDF) - Vicor Corporation

08376 Datasheet PDF - Vicor Corporation
Part # 08376
Download  08376 Download
File Size   68.41 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAPACITOR, 27Ouf -20% 200V

08376 Datasheet (PDF)

Go To PDF Page Download Datasheet
08376 Datasheet PDF - Vicor Corporation

Part # 08376
Download  08376 Click to download

File Size   68.41 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CAPACITOR, 27Ouf -20% 200V

08376 Datasheet (HTML) - Vicor Corporation




Similar Part No. - 08376

ManufacturerPart #DatasheetDescription
logo
3M Electronics
08370 3M-08370 Datasheet
98Kb / 4P
MSP SeamSealer
Dec-2015
08374 3M-08374 Datasheet
151Kb / 5P
3M™ Ultrapro™ MSP Sprayable Seam Sealer
24-Feb-2004
logo
Vicor Corporation
08377 VICOR-08377 Datasheet
64Kb / 1P
CAPACITOR, 270Ouf -20% 400V
08377-1 VICOR-08377-1 Datasheet
64Kb / 1P
CAPACITOR, 270Ouf -20% 400V
08378 VICOR-08378 Datasheet
54Kb / 1P
CAPACITOR, 470uF -20% 450V
More results


Similar Description - 08376

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
08377 VICOR-08377 Datasheet
64Kb / 1P
CAPACITOR, 270Ouf -20% 400V
08378 VICOR-08378 Datasheet
54Kb / 1P
CAPACITOR, 470uF -20% 450V
13441 VICOR-13441 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 560uF, -20%, 10V
13450 VICOR-13450 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 120uF, -20%, 100V
16874 VICOR-16874 Datasheet
41Kb / 1P
CAPACITOR, ALEL, RADIAL, 1200uF, -20%, 200V
18741 VICOR-18741 Datasheet
41Kb / 1P
CAPACITOR, ALEL, RADIAL, 2200uF, -20%, 200V
logo
Kemet Corporation
C056T100K2 KEMET-C056T100K2 Datasheet
54Kb / 1P
Capacitor, ceramic, 10 pF, /-10 Tol, 200V, BX, Lead Spacing=0.2
logo
Weitron Technology
B120E WEITRON-B120E Datasheet
1Mb / 5P
Reverse Voltage 20 to 200V Forward Current 1.0A
B120F WEITRON-B120F Datasheet
1Mb / 6P
Reverse Voltage 20 to 200V Forward Current 1.0A
logo
SeCoS Halbleitertechnol...
SM220BM SECOS-SM220BM Datasheet
324Kb / 2P
20 ~ 200V, 2A Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com