Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ610 Datasheet (PDF) - List of Unclassifed Manufacturers

KBJ610 Datasheet PDF - List of Unclassifed Manufacturers
Part # KBJ610
Download  KBJ610 Download
File Size   220.48 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A

KBJ610 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBJ610 Datasheet PDF - List of Unclassifed Manufacturers

Part # KBJ610
Download  KBJ610 Click to download

File Size   220.48 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A

KBJ610 Datasheet (HTML) - List of Unclassifed Manufacturers


KBJ610 Product details

[DACHANG ELECTRONICS]

Reverse Voltage 50 to 1000 V
Forward Current 6.0 A

Features
• Low reverse leakage
• High forward surge capability
• 170 A Surge overload rating:170 Amperes peak




Similar Part No. - KBJ610

ManufacturerPart #DatasheetDescription
logo
RFE international
KBJ610 RFE-KBJ610 Datasheet
341Kb / 2P
BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
Shenzhen Luguang Electr...
KBJ610 LUGUANG-KBJ610 Datasheet
142Kb / 2P
Silicon Bridge Rectifiers
logo
First Components Intern...
KBJ610 FCI-KBJ610 Datasheet
145Kb / 2P
6.0 Amps Single Phase Silicon Bridge Rectifiers Ideal for printed circuit board
logo
Suntan Capacitors
KBJ610 SUNTAN-KBJ610 Datasheet
368Kb / 2P
Ideal for printed circuit board
logo
SUNMATE electronic Co.,...
KBJ610 SUNMATE-KBJ610 Datasheet
383Kb / 2P
SILICON BRIDGE RECTIFIERS
More results


Similar Description - KBJ610

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
6A05 DACHANG-6A05 Datasheet
117Kb / 2P
General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A
D3SB05 DACHANG-D3SB05 Datasheet
136Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 800V Forward Current 4 A
GBL201 DACHANG-GBL201 Datasheet
128Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0A
GBL401 DACHANG-GBL401 Datasheet
171Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 4.0A
KBP201G DACHANG-KBP201G Datasheet
143Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0A
KBP301G DACHANG-KBP301G Datasheet
143Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0A
MB2M DACHANG-MB2M Datasheet
138Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000 V Forward Current 0.8A
logo
Yea Shin Technology Co....
2KBP005M YEASHIN-2KBP005M Datasheet
360Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
logo
Kingtronics Internation...
GBU6005-GBU610 KINGTRONICS-GBU6005-GBU610 Datasheet
339Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 6.0 Ampere
KBPC6005-KBPC610 KINGTRONICS-KBPC6005-KBPC610 Datasheet
298Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 6.0 Ampere
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com