Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFRX24-S Datasheet (PDF) - BELIMO AIRCONTROLS (USA), INC

AFRX24-S Datasheet PDF - BELIMO AIRCONTROLS (USA), INC
Part # AFRX24-S
Download  AFRX24-S Download
File Size   686.2 Kbytes
Page   2 Pages
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC
Description On/Off, Spring Return, Fail-Safe, AC/DC 24 V

AFRX24-S Datasheet (PDF)

Go To PDF Page Download Datasheet
AFRX24-S Datasheet PDF - BELIMO AIRCONTROLS (USA), INC

Part # AFRX24-S
Download  AFRX24-S Click to download

File Size   686.2 Kbytes
Page   2 Pages
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC
Description On/Off, Spring Return, Fail-Safe, AC/DC 24 V

AFRX24-S Datasheet (HTML) - BELIMO AIRCONTROLS (USA), INC




Similar Part No. - AFRX24-S

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
AFRX24-SN4 BELIMO-AFRX24-SN4 Datasheet
731Kb / 2P
NEMA 4, On/Off, Spring Return, 24 V
More results


Similar Description - AFRX24-S

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
LF120US BELIMO-LF120US Datasheet
503Kb / 3P
On/Off, Spring Return Fail-Safe, AC 120 V
LF230US BELIMO-LF230US Datasheet
503Kb / 3P
On/Off, Spring Return Fail-Safe, AC 230 V
AFRX24 BELIMO-AFRX24 Datasheet
591Kb / 2P
On/Off, Spring Return, Fail-Safe, AC/DC 24 V
FSAF120A BELIMO-FSAF120A Datasheet
557Kb / 2P
On/Off, Spring Return Fail-Safe, AC 120 V
FSAF230A BELIMO-FSAF230A Datasheet
557Kb / 2P
On/Off, Spring Return Fail-Safe, AC 230 V
FSLF24-FCUS BELIMO-FSLF24-FCUS Datasheet
610Kb / 2P
On/Off, Spring Return, Fail-Safe, AC/DC 24 V
FSTF24-SUS BELIMO-FSTF24-SUS Datasheet
761Kb / 2P
On/Off, Spring Return, Fail-Safe, AC/DC 24 V, Auxiliary Switch
FSTF24US BELIMO-FSTF24US Datasheet
641Kb / 2P
On/Off, Spring Return, Fail-Safe, AC/DC 24 V
FSTF120US BELIMO-FSTF120US Datasheet
604Kb / 2P
On/Off, Spring Return Fail-Safe, AC 120 V
FSTF230US BELIMO-FSTF230US Datasheet
589Kb / 2P
On/Off, Spring Return Fail-Safe, AC 230 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com