Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TR600-150 Datasheet (PDF) - Tyco Electronics

TR600-150 Datasheet PDF - Tyco Electronics
Part # TR600-150
Download  TR600-150 Download
File Size   90.45 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description PolySwitch PTC Devices, Overcurrent Protection Device

TR600-150 Datasheet (PDF)

Go To PDF Page Download Datasheet
TR600-150 Datasheet PDF - Tyco Electronics

Part # TR600-150
Download  TR600-150 Click to download

File Size   90.45 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description PolySwitch PTC Devices, Overcurrent Protection Device

TR600-150 Datasheet (HTML) - Tyco Electronics


TR600-150 Product details

Max Electrical Rating at 20°C
   Operating Voltage: 60VDC
   Fault Voltage: 600VRMS
   Interrupt Current: 3ARMS

Lead Material:
   22 AWG Sn/Pb plated copper




Similar Part No. - TR600-150

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TR600-150-RB MACOM-TR600-150-RB Datasheet
88Kb / 1P
PolySwitch PTC Devices, Overcurrent Protection Device
TR600-150F-EX MACOM-TR600-150F-EX Datasheet
323Kb / 22P
PolySwitch Resettable Devices Telecommunications & Networking Devices
logo
Littelfuse
TR600-150F-EX LITTELFUSE-TR600-150F-EX Datasheet
96Kb / 2P
Specification Status: Released & Restricted
TR600-150F-EX LITTELFUSE-TR600-150F-EX Datasheet
327Kb / 22P
Telecommunications & Networking Devices
logo
Tyco Electronics
TR600-150F-EX-2 MACOM-TR600-150F-EX-2 Datasheet
323Kb / 22P
PolySwitch Resettable Devices Telecommunications & Networking Devices
More results


Similar Description - TR600-150

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TR600-150-RB MACOM-TR600-150-RB Datasheet
88Kb / 1P
PolySwitch PTC Devices, Overcurrent Protection Device
TR600-160 MACOM-TR600-160 Datasheet
94Kb / 1P
PolySwitch PTC Devices, Overcurrent Protection Device
TR250-120 MACOM-TR250-120 Datasheet
18Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
TSM600-250-RA MACOM-TSM600-250-RA Datasheet
22Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
MINISMDE190 MACOM-MINISMDE190 Datasheet
16Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM050 MACOM-NANOSMDM050 Datasheet
29Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM100 MACOM-NANOSMDM100 Datasheet
28Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
logo
List of Unclassifed Man...
LR4-260 ETC1-LR4-260 Datasheet
15Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
logo
Tyco Electronics
LVR040S MACOM-LVR040S Datasheet
87Kb / 2P
PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDC035F-2 MACOM-NANOSMDC035F-2 Datasheet
103Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com