Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP8868 Datasheet (PDF) - Schneider Electric

AP8868 Datasheet PDF - Schneider Electric
Part # AP8868
Download  AP8868 Download
File Size   61.49 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Rack PDU 2G, Metered, ZeroU, 10.0kW, 208V,(36) C13 & (6) C19

AP8868 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP8868 Datasheet PDF - Schneider Electric

Part # AP8868
Download  AP8868 Click to download

File Size   61.49 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Rack PDU 2G, Metered, ZeroU, 10.0kW, 208V,(36) C13 & (6) C19

AP8868 Datasheet (HTML) - Schneider Electric




Similar Part No. - AP8868

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8800 DIODES-AP8800 Datasheet
198Kb / 11P
350mA LED Step-Down Converter
AP8800 Rev. 1
AP8800 DIODES-AP8800 Datasheet
207Kb / 13P
350mA LED Step-down Converter
AP8800 Rev. 4
AP8800A DIODES-AP8800A Datasheet
153Kb / 12P
COST EFFECTIVE 28V BUCK 1-W LED DRIVER
Rev 2
AP8800AWT-7 DIODES-AP8800AWT-7 Datasheet
153Kb / 12P
COST EFFECTIVE 28V BUCK 1-W LED DRIVER
Rev 2
AP8800EV1 DIODES-AP8800EV1 Datasheet
175Kb / 8P
step-down DC/DC converter designed to drive LEDs with a constant current.
AUGUST 2009
More results


Similar Description - AP8868

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP9571 ETC2-AP9571 Datasheet
83Kb / 2P
Rack PDU Basic 1U 30A 208V (12) C13
logo
Tripp Lite. All Rights ...
PDU3MV6H50 TRIPPLITE-PDU3MV6H50 Datasheet
505Kb / 3P
TAA-Compliant 12.6kW 3-Phase Metered PDU, 208V Outlets (36 C13 and 9 C19) Hubbell 50A CS8365C, 6ft Cord, 0U Vertical
PDU3MV6H50A TRIPPLITE-PDU3MV6H50A Datasheet
550Kb / 3P
TAA-Compliant 14.4kW 3-Phase Metered PDU, 208V Outlets 36 C13, 6 C19, 3 L6-30R Hubbell 50A CS8365C, 6ft Cord, 0U Vertical
PDU3MV6L2130 TRIPPLITE-PDU3MV6L2130 Datasheet
550Kb / 3P
8.6kW 3-Phase Metered PDU, 208-120V Outlets 36 C13, 6 C19, 6 5-15-20R, L21-30P, 6ft Cord, 0U Vertical
PDU3MV6L2130A TRIPPLITE-PDU3MV6L2130A Datasheet
537Kb / 3P
3-Phase Metered PDU, 8.6 kW, 45 208V outlets (36 C13, 9 C19), 6 ft NEMA L21-30P input connection,TAA Compliant
logo
Schneider Electric
AP8953 SCHNEIDER-AP8953 Datasheet
56Kb / 2P
Rack PDU 2G, Switched, ZeroU, 32A, 230V, (21) C13 & (3) C19
Oct 25, 2017
AP7821B SCHNEIDER-AP7821B Datasheet
69Kb / 2P
Rack PDU, Metered, 1U, 16A, 208/230V, (8) C13
Oct 8, 2020
AP8853 SCHNEIDER-AP8853 Datasheet
64Kb / 2P
Rack PDU 2G, Metered, ZeroU, 32A, 230V,(36) C13 & (6) C19
Oct 8, 2020
AP6031A SCHNEIDER-AP6031A Datasheet
61Kb / 2P
Rack PDU, Basic, 0U/1U, 208V, 30A, (4) C19
Nov 27, 2020
AP7850 SCHNEIDER-AP7850 Datasheet
67Kb / 2P
Rack PDU, Metered, Zero U, 10A, 230V, (16) C13
Sep 20, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com