Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T431616C Datasheet (PDF) - Taiwan Memory Technology

T431616C Datasheet PDF - Taiwan Memory Technology
Part # T431616C
Download  T431616C Download
File Size   720.07 Kbytes
Page   30 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM

T431616C Datasheet (PDF)

Go To PDF Page Download Datasheet
T431616C Datasheet PDF - Taiwan Memory Technology

Part # T431616C
Download  T431616C Click to download

File Size   720.07 Kbytes
Page   30 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM

T431616C Datasheet (HTML) - Taiwan Memory Technology


T431616C Product details

GRNERAL DESCRIPTION

The T431616C is 16,777,216 bits synchronous high data rate Dynamic RAM organized as 2 x 524,288 words by 16 bits , fabricated with high performance CMOS technology . Synchronous design allows precise cycle control with the use of system clock I/O transactions are possible on every clock cycle . Range of operating frequencies , programmable burst length and programmable latencies allow the same device to be useful for a variety of high bandwidth , high performance memory system applications.



FEATURES

• 3.3V power supply

• Clock cycle time : 6 / 7 ns

• Dual banks operation

• LVTTL compatible with multiplexed address

• All inputs are sampled at the positive going edge of system clock

• Burst Read Single-bit Write operation

• DQM for masking

• Auto refresh and self refresh

• 32ms refresh period (2K cycle)

• MRS cycle with address key programs

- CAS Latency ( 2 & 3 )

- Burst Length ( 1 , 2 , 4 , 8 & full page)

- Burst Type (Sequential & Interleave)

• Available package type :

- 50 pin TSOP(II)/lead-free

• Operating temperature : - 0 ~ +70 °C




Similar Part No. - T431616C

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T431616A TMT-T431616A Datasheet
1Mb / 31P
1M x 16 SDRAM????
T431616A-7C TMT-T431616A-7C Datasheet
1Mb / 31P
1M x 16 SDRAM????
T431616A-7CI TMT-T431616A-7CI Datasheet
1Mb / 31P
1M x 16 SDRAM????
T431616A-7S TMT-T431616A-7S Datasheet
1Mb / 31P
1M x 16 SDRAM????
T431616A-7SI TMT-T431616A-7SI Datasheet
1Mb / 31P
1M x 16 SDRAM????
More results


Similar Description - T431616C

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L16161A ESMT-M12L16161A Datasheet
566Kb / 27P
512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A Datasheet
871Kb / 28P
512K x 16Bit x 2Banks Synchronous DRAM
logo
Taiwan Memory Technolog...
T431616B TMT-T431616B Datasheet
567Kb / 31P
1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616D TMT-T431616D Datasheet
756Kb / 74P
1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L16161A ESMT-M12L16161A_05 Datasheet
697Kb / 30P
512K x 16Bit x 2Banks Synchronous DRAM
M12L32162A ESMT-M12L32162A Datasheet
702Kb / 29P
1M x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_07 Datasheet
613Kb / 29P
512K x 16Bit x 2Banks Synchronous DRAM
M12L16161A ESMT-M12L16161A_08 Datasheet
699Kb / 29P
512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A_0707 ESMT-M12S16161A_0707 Datasheet
624Kb / 28P
512K x 16Bit x 2Banks Synchronous DRAM
M12S16161A ESMT-M12S16161A_1 Datasheet
627Kb / 30P
512K x 16Bit x 2Banks Synchronous DRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com