Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V24B12C200B Datasheet (PDF) - Vicor Corporation

V24B12C200B Datasheet PDF - Vicor Corporation
Part # V24B12C200B
Download  V24B12C200B Download
File Size   146.0 Kbytes
Page   8 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description 24Vin / 12Vout / 200Watts DC-DC Converter Module

V24B12C200B Datasheet (PDF)

Go To PDF Page Download Datasheet
V24B12C200B Datasheet PDF - Vicor Corporation

Part # V24B12C200B
Download  V24B12C200B Click to download

File Size   146.0 Kbytes
Page   8 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description 24Vin / 12Vout / 200Watts DC-DC Converter Module

V24B12C200B Datasheet (HTML) - Vicor Corporation


V24B12C200B Product details

Product Overview
These DC-DC converter modules use advanced power processing, control and packaging technologies to provide the performance, flexibility, reliability and cost effectiveness of a mature power component.
High frequency ZCS/ZVS switching provides high power density with low noise and high effciency.

Features & Benefts
• DC input range: 18 – 36V
• Isolated output
• Operation to 16V at 75% power
   after startup
• Input surge withstand: 50V for 100ms
• DC output: 3.3 – 48V
• Programmable output: 10 to 110%
• Regulation: ±0.5% no load to full load
• Effciency: Up to 89%
• Maximum operating temp: 100°C, full load
• Power density: up to 80 W per cubic inch
• Height above board: 0.43in. (10,9mm)
• Parallelable, with N+M fault tolerance
• Low noise ZCS/ZVS architecture
• RoHS Compliant (with F or G pin option)

Applications
   Industrial and process control, distributed power, medical, ATE, communications,
   defense, and aerospace.




Similar Part No. - V24B12C200B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24B12C200B VICOR-V24B12C200B Datasheet
596Kb / 15P
DC-DC Converter Module
V24B12C200B2 VICOR-V24B12C200B2 Datasheet
596Kb / 15P
DC-DC Converter Module
V24B12C200B3 VICOR-V24B12C200B3 Datasheet
596Kb / 15P
DC-DC Converter Module
V24B12C200BF VICOR-V24B12C200BF Datasheet
596Kb / 15P
DC-DC Converter Module
V24B12C200BF2 VICOR-V24B12C200BF2 Datasheet
575Kb / 13P
24V Input Mini Family DC-DC Converter Module
More results


Similar Description - V24B12C200B

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A12C400B VICOR-V24A12C400B Datasheet
150Kb / 8P
24Vin / 12Vout / 400Watts DC-DC Converter Module
V24A48C400B VICOR-V24A48C400B Datasheet
151Kb / 8P
24Vin / 48Vout / 400Watts DC-DC Converter Module
V24B5C200B VICOR-V24B5C200B Datasheet
145Kb / 8P
24Vin / 5Vout / 200Watts DC-DC Converter Module
V24B15C200B VICOR-V24B15C200B Datasheet
146Kb / 8P
24Vin / 15Vout / 200Watts DC-DC Converter Module
V24B24C200B VICOR-V24B24C200B Datasheet
146Kb / 8P
24Vin / 24Vout / 200Watts DC-DC Converter Module
V24B28C200B VICOR-V24B28C200B Datasheet
148Kb / 8P
24Vin / 28Vout / 200Watts DC-DC Converter Module
V24B48C200B VICOR-V24B48C200B Datasheet
148Kb / 8P
24Vin / 48Vout / 200Watts DC-DC Converter Module
VI-882653 VICOR-VI-882653 Datasheet
179Kb / 9P
24Vin / 48Vout / 200Watts DC-DC Converter Module
VI-882545 VICOR-VI-882545 Datasheet
179Kb / 9P
24Vin / 15Vout / 200Watts DC-DC Converter Module
V24A12C400A VICOR-V24A12C400A Datasheet
195Kb / 8P
24Vin / 12Vout / 400Watts DC-DC Converter Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com