Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZT028LDCTG Datasheet (PDF) - Mallory Sonalert Products Inc

ZT028LDCTG Datasheet PDF - Mallory Sonalert Products Inc
Part # ZT028LDCTG
Download  ZT028LDCTG Download
File Size   132.01 Kbytes
Page   1 Pages
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc
Description Voltage Rating 20 to 28 VDC

ZT028LDCTG Datasheet (PDF)

Go To PDF Page Download Datasheet
ZT028LDCTG Datasheet PDF - Mallory Sonalert Products Inc

Part # ZT028LDCTG
Download  ZT028LDCTG Click to download

File Size   132.01 Kbytes
Page   1 Pages
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc
Description Voltage Rating 20 to 28 VDC

ZT028LDCTG Datasheet (HTML) - Mallory Sonalert Products Inc




Similar Part No. - ZT028LDCTG

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZT028LDCTG15 MSPI-ZT028LDCTG15 Datasheet
132Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
ZT028LDCTG30 MSPI-ZT028LDCTG30 Datasheet
132Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
More results


Similar Description - ZT028LDCTG

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MSE28LCH2 MSPI-MSE28LCH2 Datasheet
43Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LCH2S MSPI-MSE28LCH2S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LCM1 MSPI-MSE28LCM1 Datasheet
43Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LCM3 MSPI-MSE28LCM3 Datasheet
43Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LDD7S MSPI-MSE28LDD7S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LDP2S MSPI-MSE28LDP2S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LPS1S MSPI-MSE28LPS1S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28LWH1S MSPI-MSE28LWH1S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28MPS1S MSPI-MSE28MPS1S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
MSE28MWH1S MSPI-MSE28MWH1S Datasheet
48Kb / 1P
Voltage Rating 20 to 28 VDC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com