Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF2810P Datasheet (PDF) - Tyco Electronics

UF2810P Datasheet PDF - Tyco Electronics
Part # UF2810P
Download  UF2810P Download
File Size   148.06 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF MOSFET Power Transistor, 10W, 28V 100-500MHz

UF2810P Datasheet (PDF)

Go To PDF Page Download Datasheet
UF2810P Datasheet PDF - Tyco Electronics

Part # UF2810P
Download  UF2810P Click to download

File Size   148.06 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description RF MOSFET Power Transistor, 10W, 28V 100-500MHz

UF2810P Datasheet (HTML) - Tyco Electronics


UF2810P Product details

Features
 • N-Channel Enhancement Mode Device
 • DMOS Structure
 • Lower Capacitances for Broadband Operation
 • Common Source Configuration
 • Lower Noise Floor
 • 100 MHz to 500 MHz Operation




Similar Part No. - UF2810P

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
UF2810P MA-COM-UF2810P Datasheet
218Kb / 2P
RF Power MOSFET Transistor 10W, 100-500 MHz, 28V
UF2810P MA-COM-UF2810P Datasheet
218Kb / 2P
RF Power MOSFET Transistor
UF2810P MA-COM-UF2810P_15 Datasheet
218Kb / 2P
RF Power MOSFET Transistor
UF2810P MA-COM-UF2810P_17 Datasheet
635Kb / 3P
RF Power MOSFET Transistor
More results


Similar Description - UF2810P

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
UF2815B MACOM-UF2815B Datasheet
203Kb / 3P
RF MOSFET Power Transistor, 15W, 28V 100-500MHz
UF28100V MACOM-UF28100V Datasheet
208Kb / 3P
RF MOSFET Power Transistor, 15W, 28V 100-500MHz
logo
M/A-COM Technology Solu...
DU2810S MA-COM-DU2810S Datasheet
151Kb / 2P
RF Power MOSFET Transistor 10W, 2-175MHz, 28V
UF2810P MA-COM-UF2810P Datasheet
218Kb / 2P
RF Power MOSFET Transistor 10W, 100-500 MHz, 28V
UF28150J MA-COM-UF28150J Datasheet
213Kb / 3P
RF Power MOSFET Transistor 150W, 100MHz-500MHz, 28V
LF2810A MA-COM-LF2810A Datasheet
142Kb / 3P
RF Power MOSFET Transistor 10W, 500-1000MHz, 28V
MRF166C MA-COM-MRF166C Datasheet
560Kb / 11P
The RF MOSFET Line 20W, 500MHz, 28V
MRF166W MA-COM-MRF166W Datasheet
567Kb / 11P
The RF MOSFET Line 40W, 500MHz, 28V
MRF166C MA-COM-MRF166C Datasheet
560Kb / 11P
The RF MOSFET Line 20W, 500MHz, 28V
MRF275L MA-COM-MRF275L Datasheet
541Kb / 17P
The RF MOSFET Line 100W, 500MHz, 28V
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com