Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78F0034A Datasheet (PDF) - NEC

UPD78F0034A Datasheet PDF - NEC
Part # UPD78F0034A
Download  UPD78F0034A Download
File Size   565.19 Kbytes
Page   66 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8-BIT SINGLE-CHIP MICROCONTROLLER

UPD78F0034A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD78F0034A Datasheet PDF - NEC

Part # UPD78F0034A
Download  UPD78F0034A Click to download

File Size   565.19 Kbytes
Page   66 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8-BIT SINGLE-CHIP MICROCONTROLLER

UPD78F0034A Datasheet (HTML) - NEC


UPD78F0034A Product details

DESCRIPTION
The µPD78F0034B is a member of the µPD780034A Subseries in the 78K/0 Series, and is equivalent to the µPD780034A (expanded-specification product) but with flash memory in place of internal ROM.
The µPD78F0034BY is a member of the µPD780034AY Subseries, featuring flash memory in place of the internal ROM of the µPD780034AY.
The µPD78F0034B(A) and 78F0034BY(A) are products to which a quality assurance program more stringent than that used for the µPD78F0034B and 78F0034BY (standard models) is applied (NEC Electronics classifies these products as "special" quality grade models).
The µPD78F0034B, 78F0034BY, 78F0034B(A), and 78F0034BY(A) incorporate flash memory, which can be programmed and erased while mounted on the board.

FEATURES
• Pin-compatible with mask ROM versions (except VPP pin)
• Flash memory: 32 KBNote
• Internal high-speed RAM: 1,024 bytesNote
• Supply voltage: VDD = 1.8 to 5.5 V




Similar Part No. - UPD78F0034A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F0034A RENESAS-UPD78F0034A Datasheet
153Kb / 17P
PG-FP5
UPD78F0034AS RENESAS-UPD78F0034AS Datasheet
153Kb / 17P
PG-FP5
More results


Similar Description - UPD78F0034A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
SINGLE CHIP 8 BIT MICROCONTROLLER
logo
NEC
UPD78F9188CT NEC-UPD78F9188CT Datasheet
70Kb / 9P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
8-Bit Single-Chip Microcontroller
logo
NEC
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC886 INFINEON-XC886_1 Datasheet
4Mb / 144P
8-Bit Single-Chip Microcontroller
V0.9, Dec. 2006
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
8-Bit Single Chip Microcontroller
V1.0 2010-05
XC835 INFINEON-XC835 Datasheet
1Mb / 56P
8-Bit Single-Chip Microcontroller
V1.2 2011-03
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com