Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC75CA Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

1.5SMC75CA Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # 1.5SMC75CA
Download  1.5SMC75CA Download
File Size   68.38 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Surface Mount Transient Voltage Suppressor

1.5SMC75CA Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5SMC75CA Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # 1.5SMC75CA
Download  1.5SMC75CA Click to download

File Size   68.38 Kbytes
Page   4 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Surface Mount Transient Voltage Suppressor

1.5SMC75CA Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


1.5SMC75CA Product details

Surface Mount Transient Voltage Suppressor
Voltage Range 6.8 to 200 Volts 1500 Watts Peak Power

Features
◇ For surface mounted application in order to optimize board space
◇ Low profile package 
◇ Built-in strain relief
◇ Glass passivated junction
◇ Excellent clamping capability
◇ Fast response time: Typically less than 1.0ps from 0 volt to BV min.
◇ Typical IRless than 1μA above 10V
◇ High temperature soldering guaranteed:  260OC / 10 seconds at terminals
◇ Plastic material used carries Underwriters Laboratory
   Flammability Classification 94V-0
◇ 1500 watts peak pulse power capability with a 10 X 1000 us
   waveform by 0.01% duty cycle




Similar Part No. - 1.5SMC75CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC75CA CENTRAL-1.5SMC75CA Datasheet
146Kb / 2P
BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Littelfuse
1.5SMC75CA LITTELFUSE-1.5SMC75CA Datasheet
170Kb / 4P
Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
Weitron Technology
1.5SMC75CA WEITRON-1.5SMC75CA Datasheet
209Kb / 4P
1500W Surface Mount Transient Voltage Suppressor
logo
List of Unclassifed Man...
1.5SMC75CA ETC1-1.5SMC75CA Datasheet
97Kb / 6P
1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes
logo
TAITRON Components Inco...
1.5SMC75CA TAITRON-1.5SMC75CA Datasheet
232Kb / 5P
1500W Surface Mount Transient Voltage Suppressor
More results


Similar Description - 1.5SMC75CA

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com