Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZA028SASR8 Datasheet (PDF) - Mallory Sonalert Products Inc

ZA028SASR8 Datasheet PDF - Mallory Sonalert Products Inc
Part # ZA028SASR8
Download  ZA028SASR8 Download
File Size   132.04 Kbytes
Page   1 Pages
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc
Description Voltage Rating 16 to 28 VAC/DC

ZA028SASR8 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZA028SASR8 Datasheet PDF - Mallory Sonalert Products Inc

Part # ZA028SASR8
Download  ZA028SASR8 Click to download

File Size   132.04 Kbytes
Page   1 Pages
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc
Description Voltage Rating 16 to 28 VAC/DC

ZA028SASR8 Datasheet (HTML) - Mallory Sonalert Products Inc




Similar Part No. - ZA028SASR8

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZA028SASR9 MSPI-ZA028SASR9 Datasheet
132Kb / 1P
Recommended hole size is 22.5 mm. Thread front will fit standard 22.5mm hole
More results


Similar Description - ZA028SASR8

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
ZA028MACM1 MSPI-ZA028MACM1 Datasheet
132Kb / 1P
Voltage Rating 16 to 28 VAC/DC
ZA028MACT MSPI-ZA028MACT Datasheet
46Kb / 1P
Voltage Rating 16 to 28 VAC/DC
ZA028MADL1 MSPI-ZA028MADL1 Datasheet
132Kb / 1P
Voltage Rating 16 to 28 VAC/DC
ZA028MADP2 MSPI-ZA028MADP2 Datasheet
132Kb / 1P
Voltage Rating 16 to 28 VAC/DC
ZA028MADP3 MSPI-ZA028MADP3 Datasheet
132Kb / 1P
Voltage Rating 16 to 28 VAC/DC
ZA028SADT8 MSPI-ZA028SADT8 Datasheet
132Kb / 1P
Voltage Rating 16 to 28 VAC/DC
ZA028SAMP1 MSPI-ZA028SAMP1 Datasheet
132Kb / 1P
Voltage Rating 16 to 28 VAC/DC
ZA028SASU2 MSPI-ZA028SASU2 Datasheet
132Kb / 1P
Voltage Rating 16 to 28 VAC/DC
ZA120LADT8 MSPI-ZA120LADT8 Datasheet
132Kb / 1P
Voltage Rating 16 to 28 VAC/DC
SCE028SA3DP3B MSPI-SCE028SA3DP3B Datasheet
55Kb / 1P
Voltage Rating 16 to 28 VAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com