Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD703204Y Datasheet (PDF) - NEC

UPD703204Y Datasheet PDF - NEC
Part # UPD703204Y
Download  UPD703204Y Download
File Size   797.1 Kbytes
Page   98 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 32-BIT SINGLE-CHIP MICROCONTROLLERS

UPD703204Y Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD703204Y Datasheet PDF - NEC

Part # UPD703204Y
Download  UPD703204Y Click to download

File Size   797.1 Kbytes
Page   98 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 32-BIT SINGLE-CHIP MICROCONTROLLERS

UPD703204Y Datasheet (HTML) - NEC


UPD703204Y Product details

DESCRIPTION
The µPD703201, 703201Y, 70F3201, and 70F3201Y (V850ES/SA2), µPD703204, 703204Y, 70F3204, and 70F3204Y (V850ES/SA3) are products in the V850 FamilyTM of 32-bit single-chip microcontrollers, and include peripheral functions such as ROM/RAM, timer/counters, serial interfaces, an A/D converter, a D/A converter, and a DMA controller.
In addition to their high real-time responsiveness and one-clock-pitch execution of instructions, the V850ES/SA2 and V850ES/SA3 include instructions suited to digital servo control applications such as multiplication instructions executed via a hardware multiplier, saturation instructions, and bit manipulation instructions. As a real-time control system, this device provides a high-level cost performance ideal for ultra-low-power DVC and portable audio applications.

FEATURES
○ Number of instructions: 83
○ Minimum instruction execution time:
    59 ns (@ 17 MHz operation with main system clock (fXX))
    74 ns (@ 13.5 MHz operation with main system clock (fXX))
○ General-purpose registers: 32 bits × 32 registers
○ Instruction set:
    Signed multiplication, saturation operations, 32-bit
    shift instructions, bit manipulation instructions,
    load/store instructions
○ Memory space:
    64 MB linear address space
    Memory block division function:
    2 MB, 2 MB, 4 MB, 8 MB = Total four blocks
○ External bus interface: 16-bit data bus
    Address bus: Separate output enabled
○ Internal memory
    Mask ROM: 256 KB (µPD703201, 703201Y, 703204, 703204Y)
    Flash memory: 256 KB (µPD70F3201, 70F3201Y, 70F3204, 70F3204Y)
    RAM: 16 KB
○ Interrupts and exceptions
    Non-maskable interrupts: 2 sources
    Maskable interrupts:
        38 sources (µPD703201, 70F3201)
        39 sources (µPD703201Y, 70F3201Y)
        39 sources (µPD703204, 70F3204)
        40 sources (µPD703204Y, 70F3204Y)
    Software exceptions: 32 sources
    Exception trap: 1 source
○ I/O lines Total: 82 (V850ES/SA2)
                           102 (V850ES/SA3)
○ Timer/counters
    16-bit timer: 2 channels
    8-bit timer: 4 channels
○ Real-time counter (for watch): 1 channel
○ Watchdog timer: 1 channel
○ Serial interface (SIO)
    Asynchronous serial interface (UART): 2 channels
    Clocked serial interface (CSI):
        4 channels (V850ES/SA2),
        5 channels (V850ES/SA3)
    I2C bus interface: 1 channel
    (µPD703201Y, 703204Y, 70F3201Y, 70F3204Y)
○ A/D converter:
    10-bit resolution × 12 channels (V850ES/SA2)
    10-bit resolution × 16 channels (V850ES/SA3)
○ D/A converter: 8-bit resolution × 2 channels
○ DMA controller: 4 channels
○ Power save functions: HALT/IDLE/STOP/Backup modes
○ ROM correction: Four points can be corrected
○ Packages: 100-pin plastic LQFP (14 × 14)(V850ES/SA2)
                     121-pin plastic FBGA (12 × 12)(V850ES/SA3)

APPLICATIONS
○ Low-power portable devices DVCs, portable audios




Similar Part No. - UPD703204Y

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70320 NEC-UPD70320 Datasheet
439Kb / 74P
V25TM 16/8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD70320 RENESAS-UPD70320 Datasheet
489Kb / 76P
MOS INTEGRATED CIRCUIT
1995
logo
NEC
UPD703208 NEC-UPD703208 Datasheet
4Mb / 757P
32-Bit Single-Chip Microcontrollers
UPD703208A NEC-UPD703208A Datasheet
4Mb / 757P
32-Bit Single-Chip Microcontrollers
UPD703208GC-XXX-8BT NEC-UPD703208GC-XXX-8BT Datasheet
4Mb / 757P
32-Bit Single-Chip Microcontrollers
More results


Similar Description - UPD703204Y

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
32-Bit Single-Chip Microcontrollers
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
32-Bit Single-Chip Microcontrollers
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com