Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HL6331G Datasheet (PDF) - Hitachi Semiconductor

HL6331G Datasheet PDF - Hitachi Semiconductor
Part # HL6331G
Download  HL6331G Download
File Size   36.66 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Low Operating Current Visible Laser Diode

HL6331G Datasheet (PDF)

Go To PDF Page Download Datasheet
HL6331G Datasheet PDF - Hitachi Semiconductor

Part # HL6331G
Download  HL6331G Click to download

File Size   36.66 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Low Operating Current Visible Laser Diode

HL6331G Datasheet (HTML) - Hitachi Semiconductor


HL6331G Product details

Description
The HL6331G/32G are 0.63 µm band AlGaInP 10mW laser diodes with a multi-quantum well (MQW)
structure. They are suitable as light sources for laser levelers, laser scanners and optical equipment for measurement.

Features
•  Visible light output : 635 nm Typ
•  Optical output power : 10 mW CW
•  Low operating current : 55 mA Typ
•  Low operating voltage : 2.4 V Max
•  Operating temperature : +60°C
•  TM mode oscillation

Application
•  Laser leveler
•  Laser scanner
•  Measurement




Similar Part No. - HL6331G

ManufacturerPart #DatasheetDescription
logo
Opnext. Inc.
HL6331G OPNEXT-HL6331G Datasheet
95Kb / 4P
Low Operating Current Visible Laser Diode
More results


Similar Description - HL6331G

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HL6333MG HITACHI-HL6333MG Datasheet
36Kb / 8P
Low Operating Current Visible Laser Diode
HL6325 HITACHI-HL6325 Datasheet
36Kb / 8P
Low Operating Current Visible Laser Diode
logo
Opnext. Inc.
HL6354MG OPNEXT-HL6354MG Datasheet
94Kb / 4P
Low Operating Current Visible Laser Diode
HL6356MG OPNEXT-HL6356MG Datasheet
94Kb / 4P
Low Operating Current Visible Laser Diode
HL6358MG OPNEXT-HL6358MG Datasheet
94Kb / 4P
Low Operating Current Visible Laser Diode
HL6360MG OPNEXT-HL6360MG Datasheet
94Kb / 4P
Low Operating Current Visible Laser Diode
HL6362MG OPNEXT-HL6362MG Datasheet
102Kb / 5P
Low Operating Current Visible Laser Diode
HL6333MG OPNEXT-HL6333MG Datasheet
95Kb / 4P
Low Operating Current Visible Laser Diode
HL6364DG OPNEXT-HL6364DG Datasheet
93Kb / 4P
Low Operating Current Visible Laser Diode
HL6376DG OPNEXT-HL6376DG Datasheet
92Kb / 4P
Low Operating Current Visible Laser Diode
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com