Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY296 Datasheet (PDF) - Semikron International

BY296 Datasheet PDF - Semikron International
Part # BY296
Download  BY296 Download
File Size   153.14 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Fast silicon rectifier diodes

BY296 Datasheet (PDF)

Go To PDF Page Download Datasheet
BY296 Datasheet PDF - Semikron International

Part # BY296
Download  BY296 Click to download

File Size   153.14 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Fast silicon rectifier diodes

BY296 Datasheet (HTML) - Semikron International


BY296 Product details

Forward Current: 2 A
Reverse Voltage: 100 to 800 V

Features
• Max. solder temperture: 260 °C
• Plastic meterial has UL classification 94V-0




Similar Part No. - BY296

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY296 PANJIT-BY296 Datasheet
62Kb / 2P
SOFT RECOVERY PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 2.0 Amperes)
logo
Jinan Gude Electronic D...
BY296 JGD-BY296 Datasheet
141Kb / 2P
2.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Semtech Corporation
BY296 SEMTECH-BY296 Datasheet
76Kb / 2P
FAST SILICON RECTIFIERS?
logo
Dc Components
BY296 DCCOM-BY296 Datasheet
443Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
BY296 EIC-BY296 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results


Similar Description - BY296

ManufacturerPart #DatasheetDescription
logo
Semikron International
BA157 SEMIKRON-BA157 Datasheet
138Kb / 2P
Fast silicon rectifier diodes
BA3060 SEMIKRON-BA3060 Datasheet
129Kb / 2P
Fast silicon rectifier diodes
BY396 SEMIKRON-BY396 Datasheet
142Kb / 2P
Fast silicon rectifier diodes
FR3A SEMIKRON-FR3A Datasheet
120Kb / 2P
Fast silicon rectifier diodes
RGP30K SEMIKRON-RGP30K Datasheet
154Kb / 2P
Fast silicon rectifier diodes
RGL1A SEMIKRON-RGL1A Datasheet
116Kb / 2P
Fast silicon rectifier diodes
BY296 SEMIKRON-BY296_06 Datasheet
156Kb / 2P
Fast silicon rectifier diodes
SA261 SEMIKRON-SA261_07 Datasheet
123Kb / 2P
Fast silicon rectifier diodes
FR3SMBA SEMIKRON-FR3SMBA Datasheet
154Kb / 2P
Fast silicon rectifier diodes
FR5A SEMIKRON-FR5A Datasheet
152Kb / 2P
Fast silicon rectifier diodes
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com