Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5AQ Datasheet (PDF) - Fox Electronics

C5AQ Datasheet PDF - Fox Electronics
Part # C5AQ
Download  C5AQ Download
File Size   208.36 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 5.0mm x 3.2mm SMD Crystal

C5AQ Datasheet (PDF)

Go To PDF Page Download Datasheet
C5AQ Datasheet PDF - Fox Electronics

Part # C5AQ
Download  C5AQ Click to download

File Size   208.36 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 5.0mm x 3.2mm SMD Crystal

C5AQ Datasheet (HTML) - Fox Electronics





Similar Description - C5AQ

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
MJ2CRYSTALS EUROQUARTZ-MJ2CRYSTALS Datasheet
148Kb / 1P
Miniature size: 5.0mm x 3.2mm x 0.9mm height
MJCRYSTALS EUROQUARTZ-MJCRYSTALS Datasheet
156Kb / 1P
Miniature size: 5.0mm x 3.2mm x 1.0mm height
logo
Advanced Crystal Techno...
752-SMX-2 ACT-752-SMX-2 Datasheet
232Kb / 2P
7.0 x 5.0mm Crystal unit
1/02/2017
logo
TAITIEN ELECTRONICS CO....
XO-0114-OW-M-LVPECL-LVDS TAITIEN-XO-0114-OW-M-LVPECL-LVDS Datasheet
287Kb / 1P
5.0 X 3.2mm SMD LVPECL/LVDS Crystal Oscillator
XO-0116-OW-M-CMOS TAITIEN-XO-0116-OW-M-CMOS Datasheet
1Mb / 1P
5.0 X 3.2mm SMD CMOS Crystal Oscilator
XO-0080-VWCOMOS-TYPE TAITIEN-XO-0080-VWCOMOS-TYPE Datasheet
298Kb / 1P
5.0 x 3.2mm SMD Voltage Controlled Crystal Oscillator
logo
Fox Electronics
C3BQ FOX-C3BQ Datasheet
212Kb / 2P
3.2mm x 2.5mm SMD Crystal
C3BS FOX-C3BS Datasheet
163Kb / 2P
3.2mm x 2.5mm Ceramic SMD Crystal
C5BQ FOX-C5BQ Datasheet
208Kb / 2P
5.0mm x 3.2mm SMD Crystal C5BQ
C5BS FOX-C5BS Datasheet
191Kb / 3P
5.0mm x 3.2mm Ceramic SMD Crystal
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com