| Manufacturer | Part # | Datasheet | Description |
 Texas Instruments |
TMUX7211
|
2Mb / 40P |
TMUX721x 44-V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
|
|
TMUX7211
|
2Mb / 42P |
TMUX721x 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
|
|
TMUX6234
|
1Mb / 36P |
TMUX6234 36 V, Low Ron, 2:1, 4 Channel Precision Switches with 1.8 V Logic
AUGUST 2021 |
|
TMUX6234
|
1Mb / 42P |
TMUX6234 36 V, Low Ron, 2:1, 4 Channel Precision Switches with 1.8 V Logic
REVISED DECEMBER 2022 |
|
TMUX6201
|
1Mb / 41P |
TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
REVISED MARCH 2023 |
|
TMUX6221
|
1Mb / 36P |
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
MARCH 2023 |
|
TMUX7612
|
1Mb / 34P |
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023 |
|
TMUX6221
|
1Mb / 35P |
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
REVISED SEPTEMBER 2023 |
|
TMUX7612-Q1
|
1Mb / 32P |
TMUX7612-Q1 Automotive 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023 |
|
TMUX7612
|
1Mb / 38P |
TMUX7612 50 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
AUGUST 2023 |