Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T3CN Datasheet (PDF) - Fox Electronics

T3CN Datasheet PDF - Fox Electronics
Part # T3CN
Download  T3CN Download
File Size   173.21 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 3.2x2.5mm C-Sine TCXO/VCTCXO

T3CN Datasheet (PDF)

Go To PDF Page Download Datasheet
T3CN Datasheet PDF - Fox Electronics

Part # T3CN
Download  T3CN Click to download

File Size   173.21 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 3.2x2.5mm C-Sine TCXO/VCTCXO

T3CN Datasheet (HTML) - Fox Electronics




Similar Part No. - T3CN

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
T3CP-1HE-04-1SNB SENSORTECHNICS-T3CP-1HE-04-1SNB Datasheet
148Kb / 5P
Miniature diaphragm pumps
T3CP-1HE-04-2SEB SENSORTECHNICS-T3CP-1HE-04-2SEB Datasheet
148Kb / 5P
Miniature diaphragm pumps
T3CP-1HE-06-1SNB SENSORTECHNICS-T3CP-1HE-06-1SNB Datasheet
148Kb / 5P
Miniature diaphragm pumps
More results


Similar Description - T3CN

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX923 FOX-FOX923_09 Datasheet
165Kb / 1P
1.8V~3.3V, Clipped SINE, SMD TCXO/VCTCXO
logo
Advanced Crystal Techno...
ACT751T-4 ACT-ACT751T-4_13 Datasheet
373Kb / 3P
Clipped Sine Wave TCXO/VCTCXO
07/10/2013
logo
Fox Electronics
B3HD FOX-B3HD Datasheet
227Kb / 2P
3.2x2.5mm 32.768kHz HCMOS TCXO/VCTCXO
T2CN FOX-T2CN Datasheet
190Kb / 3P
2.5x2.0mm C-Sine TCXO/VCTCXO
T2GN FOX-T2GN Datasheet
188Kb / 3P
2.5x2.0mm C-Sine GPS TCXO/VCTCXO
T3AN FOX-T3AN Datasheet
188Kb / 2P
3.2x2.5mm C-Sine TCXO/VCTCXO
T5CN FOX-T5CN Datasheet
241Kb / 2P
5.0x3.2mm C-Sine TCXO/VCTCXO
T3HN FOX-T3HN Datasheet
187Kb / 2P
3.2x2.5mm HCMOS TCXO/VCTCXO
T3GN FOX-T3GN Datasheet
185Kb / 2P
3.2x2.5mm C-Sine GPS TCXO/VCTCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0537A TAI-SAW-TX0537A Datasheet
136Kb / 8P
VCTCXO 3.2x2.5mm 40.00MHz
REV. NO.: 1
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com