Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMFTN123 Datasheet (PDF) - VBsemi Electronics Co.,Ltd

MMFTN123 Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # MMFTN123
Download  MMFTN123 Download
File Size   1001.58 Kbytes
Page   8 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 100-V (D-S) MOSFET

MMFTN123 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMFTN123 Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # MMFTN123
Download  MMFTN123 Click to download

File Size   1001.58 Kbytes
Page   8 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description N-Channel 100-V (D-S) MOSFET

MMFTN123 Datasheet (HTML) - VBsemi Electronics Co.,Ltd


MMFTN123 Product details

FEATURES
• Halogen-free According to IEC 61249-2-21 Definition
• Low Threshold: 2 V (typ.)
• Low Input Capacitance: 25 pF
• Fast Switching Speed: 25 ns
• Low Input and Output Leakage
• TrenchFET® Power MOSFET
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - MMFTN123

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SEMTECH ELECTRONICS LTD...
MMFTN123 SEMTECH_ELEC-MMFTN123 Datasheet
170Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
142Kb / 2P
N-Channel Enhancement Mode FET
MMFTN123 DIOTEC-MMFTN123 Datasheet
126Kb / 2P
N-Channel Enhancement Mode FET
MMFTN123 DIOTEC-MMFTN123_15 Datasheet
96Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Similar Description - MMFTN123

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
N-Channel 100-V (D-S) MOSFET
25-Dec-01
logo
Guangdong Kexin Industr...
KI2328DS KEXIN-KI2328DS Datasheet
51Kb / 2P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4102DY VISHAY-SI4102DY Datasheet
209Kb / 4P
N-Channel 100-V (D-S) MOSFET
08-Oct-07
SI7454DP VISHAY-SI7454DP_06 Datasheet
196Kb / 4P
N-Channel 100-V (D-S) MOSFET
13-Feb-06
SI7456DDP VISHAY-SI7456DDP Datasheet
482Kb / 13P
N-Channel 100 V (D-S) MOSFET
21-May-12
logo
Analog Power
AM4490NE ANALOGPOWER-AM4490NE Datasheet
364Kb / 5P
N-Channel 100-V (D-S) MOSFET
AM90N10-23P ANALOGPOWER-AM90N10-23P Datasheet
129Kb / 3P
N-Channel 100-V (D-S) MOSFET
AM7412N ANALOGPOWER-AM7412N Datasheet
99Kb / 3P
N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4190DY-T1-GE3 VISHAY-SI4190DY-T1-GE3 Datasheet
271Kb / 10P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
N-Channel 100 V (D-S) MOSFET
22-Nov-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com